Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 425 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 425 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 421Page - National Semiconductor (TI) SC2200 Datasheet HTML 422Page - National Semiconductor (TI) SC2200 Datasheet HTML 423Page - National Semiconductor (TI) SC2200 Datasheet HTML 424Page - National Semiconductor (TI) SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 433 page
background image
Revision 3.0
425
www.national.com
Electrical Specifications (Continued)
Figure 8-56. Power-Up Sequencing Without PWRBTN# Timing Diagram
ACPI is non-functional when the power-up sequence does not include using the power button. If ACPI functionality is
desired, the power button must be toggled. This can be done externally or internally. GPIO63 is internally connected to
PWRBTN#. To toggle the power button with software, GPIO63 must be programmed as an output using the normal GPIO
programming protocol (see Section 5.4.1.1 "GPIO Support Registers" on page 231). GPIO63 must be pulsed low for at
least 16 msec and not more than 4 sec. Asserting POR# has no effect on ACPI. If POR# is asserted and ACPI was active
prior to POR#, then ACPI will remain active after POR#. Therefore, BIOS must ensure that ACPI is inactive before GPIO63
is pulsed low.
Table 8-44. Power-Up Sequence Not Using the Power Button Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-10
10
ms
t2
POR# inactive after VSBL,VCORE,VSB,
and VIO applied
50
ms
POR# must not glitch during
active time.
t3
32KHZ startup time
1
s
Time required for 32 KHz oscilla-
tor and 14.318 MHz derived from
PLL6 to become stable at which
time the RTC can reliably count.
t1
VSBL, VCORE
1
VSB, VIO
2
POR#
t2
1)
VSBL and VCORE should be tied together.
2)
VSB and VIO should be tied together.
t3
32KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com