Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 426 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 426 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 422Page - National Semiconductor (TI) SC2200 Datasheet HTML 423Page - National Semiconductor (TI) SC2200 Datasheet HTML 424Page - National Semiconductor (TI) SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) SC2200 Datasheet HTML 430Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 433 page
background image
www.national.com
426
Revision 3.0
Electrical Specifications (Continued)
8.3.16 JTAG Interface
Figure 8-57. TCK Measurement Points Timing Diagram
Table 8-45. JTAG Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
TCK Frequency (MHz)
25
MHz
t1
TCK Period
40
ns
t2
TCK High time
10
ns
t3
TCK Low time
10
ns
t4
TCK Rise time
4
ns
t5
TCK Fall Time
4
ns
t6
TDO Valid delay
3
25
ns
t7
Non-test outputs Valid delay
3
25
ns
50 pF load
t8
TDO Float delay
30
ns
t9
Non-test outputs Float delay
36
ns
t10
TDI, TMS Setup time
8
ns
t11
Non-test inputs Setup time
8
ns
t12
TDI, TMS Hold time
7
ns
t13
Non-test inputs Hold time
7
ns
VIH(Min)
VIL(Max)
1.5V
TCK
t1
t3
t5
t2
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com