Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 432 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 432 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) SC2200 Datasheet HTML 430Page - National Semiconductor (TI) SC2200 Datasheet HTML 431Page - National Semiconductor (TI) SC2200 Datasheet HTML 432Page - National Semiconductor (TI) SC2200 Datasheet HTML 433Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 432 / 433 page
background image
www.national.com
432
Revision 3.0
Support Documentation (Continued)
Section 7.0 "Debug-
ging and Monitoring"
• No changes.
Section 8.0 "Electrical
Specifications"
• Table 8-2 "Operating Conditions" on page 358:
— Broke out 233/266, and 300 MHz values for VCORE,VSBL,and VCCCRT.
• Section 8.3 "AC Characteristics" on page 369:
— Corrected TC callout in last paragraph (below table). Did say TC =0
oCto 70 oC. Now
says TC =0
oCto 85 oC.
• Table 8-11 "Memory Controller Timing Parameters" on page 371:
— Changed t7 (SDCLK[3:0], SDCLK_OUT fall/rise time between (VOLD-VOHD)Max value
fro1 to 2ns.
• Table 8-12 "Video Input Port Timing Parameters" on page 373:
— Changed tVPCK_D (VPCKIN duty cycle) Min and Max values to one value of 35/65%.
• Table 8-13 "TFT Timing Parameters" on page 374:
— Changed tCLK_D (TFTDCK duty cycle) Min and Max values to one value of 40/60%.
• Table 8-44 "Power-Up Sequence Not Using the Power Button Timing Parameters" on
page 425:
— Modified t3 (32KHZ startup time) text in Comment column - Added reference to
“14.318 MHz derived from PLL6” text.
Section 9.0 "Package
Specifications"
• Added body size and pitch to figure titles.
Section Appendix A
"Support Documenta-
tion"
• Section A.1 "Order Information" on page 430:
— Changed Temperature column to read “0 - 85” (did say just “85”).
Table A-2. Edits to Current Revision (Continued)
Section
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com