Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 18Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 19Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 20Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
7 V
VCC
7 V
R Output
VCC
5
Ω
A Input
300 k
Ω
300 k
Ω
7 V
B Input
110-
Ω LVDT Only
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
Feature Description (continued)
Figure 17. Receiver Equivalent Input and Output Schematic Diagrams
9.3.2.6 NC Pins
NC (not connected) pins are pins where the die is not physically connected to the lead frame or package. For
optimum thermal performance, a good rule of thumb is to ground the NC pins at the board level.
9.4 Device Functional Modes
9.4.1 Operation With VCC < 1.5 V
When the SN65LVDS1 is operated with its supply voltage less than 1.5 V, the driver output pins are high-
impedance. When the SN65LVDS2 or the SN65LVDT2 is operated with its supply voltage less than 1.5 V, both
the receiver input and the receiver output pins are high-impedance.
9.4.2 Operation With 1.5 V
≤ VCC < 2.4 V
Operation with supply voltages in the range of 1.5 V
≤ VCC < 2.4 V is undefined, and no specific device
performance is guaranteed in this range.
9.4.3 Operation With 2.4 V
≤ VCC < 3.6 V
Operation with the supply voltages greater than or equal to 2.4 and less than or equal to 3.6 V is normal
operation. Some device specifications apply across the full supply range of 2.4 V
≤ VCC ≤ 3.6 V, while some
specifications are dependent upon the supply voltage. These dependencies are clearly described in the
parametric tables above, as well as shown in the Typical Characteristics section.
9.4.4 SN65LVDS1 Truth Table
As can be seen from the truth table, when the driver input is left open, the differential output will be driven low.
Table 1. Driver Function(1)
INPUT
OUTPUTS
D
Y
Z
H
H
L
L
L
H
Open
L
H
(1)
H = High level, L = low level, ? = indeterminate
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com