Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDT2DBVT Datasheet HTML 1Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
7.4 Thermal Information
SN65LVDS1, SN65LVDS2,
SN65LVDT2
THERMAL METRIC(1)
UNIT
D
DBV
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
172.4
322.6
°C/W
TA ≤ 25°C
725
385
Power
mW
rating
TA ≤ 85°C
402
200
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Driver Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
RL = 100 Ω, 2.4 ≤ VCC < 3 V
200
350
454
|VOD|
Differential output voltage magnitude
RL = 100 Ω, 3 ≤ VCC < 3.6 V
247
350
454
mV
Change in differential output voltage
Δ|VOD|
See Figure 10
–50
50
magnitude between logic states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
Change in steady-state common-mode
ΔVOC(SS)
–50
50
mV
output voltage between logic states
See Figure 10
Peak-to-peak common-mode output
VOC(PP)
25
100
mV
voltage
VI = 0 V or VCC, No load
2
4
ICC
Supply current
mA
VI = 0 V or VCC, RL = 100 Ω
5.5
8
IIH
High-level input current
VIH = 5 V
2
20
μA
IIL
Low-level input current
VIL = 0.8 V
2
10
μA
VOY or VOZ = 0 V
3
10
IOS
Short-circuit output current
mA
VOD = 0 V
10
IO(OFF)
Power-off output current
VCC = 1.5 V, VO = 3.6 V
–1
1
μA
Ci
Input capacitance
VI = 0.4sin(4E6πt) + 0.5 V
3
pF
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as a minimum, is used in this data sheet.
(2)
All typical values are at 25°C and with a 3.3-V supply.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com