Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 10Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 11Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 12Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
D
Y
Z
R
A
B
SN65LVDS1
SN65LVDS2 & SN65LVDT2
(110
UHVLVWRUIRUµ/9'7RQO\)
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SN65LVDS1 device is a single-channel, low-voltage differential signaling (LVDS) line driver. It operates from
a single supply that is nominally 3.3 V, but can be as low as 2.4 V and as high as 3.6 V. The input signal to the
SN65LVDS1 is an LVTTL signal. The output of the device is a differential signal complying with the LVDS
standard (TIA/EIA-644). The differential output signal operates with a signal level of 340 mV, nominally, at a
common-mode voltage of 1.2 V. This low differential output voltage results in a low emitted radiated energy,
which is dependent on the signal slew rate. The differential nature of the output provides immunity to common-
mode coupled signals that the driven signal may experience.
The SN65LVDS1 device is intended to drive a 100-
Ω transmission line. This transmission line may be a printed-
circuit board (PCB) or cabled interconnect. With transmission lines, the optimum signal quality and power
delivery is reached when the transmission line is terminated with a load equal to the characteristic impedance of
the interconnect. Likewise, the driven 100-
Ω transmission line should be terminated with a matched resistance.
The SN65LVDS2 device is a single-channel LVDS line receiver. It also operates from a single supply that is
nominally 3.3 V, but can be as low as 2.4 V and as high as 3.6 V. The input signal to the SN65LVDS2 is a
differential LVDS signal. The output of the device is a LVTTL digital signal. This LVDS receiver requires ±100 mV
of input signal to determine the correct state of the received signal compliant LVDS receivers can accept input
signals with a common-mode range between 0.05 V and 2.35 V. As the common-mode output voltage of an
LVDS driver is 1.2 V, the SN65LVDS2 correctly determines the line state when operated with a 1-V ground shift
between driver and receiver.
The SN65LVDT2 device is also a single-channel LVDS receiver. This device differs from the SN65LVDS2 in that
it incorporates an integrated termination resistor along with the receiver. This termination would take the place of
the matched load line termination mentioned above. The SN65LVDT2 can be used in a point-to-point system or
in a multidrop system when it is the last receiver on the multidrop bus. The SN65LVDT2 device should not be
used at every node in a multidrop system as this would change the loaded bus impedance throughout the bus
resulting in multiple reflections and signal distortion.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 SN65LVDS1 Features
9.3.1.1 Driver Output Voltage and Power-On Reset
The SN65LVDS1 driver operates and meets all the specified performance requirements for supply voltages in
the range of 2.6 V to 3.6 V. When the supply voltage drops below 1.5 V (or is turning on and has not yet reached
1.5 V), power-on reset circuitry set the driver output to a high-impedance state.
9.3.1.2 Driver Offset
An LVDS-compliant driver is required to maintain the common-mode output voltage at 1.2 V (±75 mV). The
SN65LVDS1 incorporates sense circuitry and a control loop to source common-mode current and keep the
output signal within specified values. Further, the device maintains the output common-mode voltage at this set
point over the full 2.6-V to 3.6-V supply range.
14
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com