Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDT2DBVT Datasheet HTML 1Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
2
4
5
(TOP VIEW)
1
VCC
GND
Z
D
Y
SN65LVDS1
DBV Package
3
2
4
5
(TOP VIEW)
1
VCC
GND
A
R
B
SN65LVDS2 and SN65LVDT2
DBV Package
VCC
D
NC
GND
Z
Y
NC
NC
SN65LVDS1
D Package
(TOP VIEW)
1
2
3
4
8
7
6
5
B
A
NC
NC
VCC
R
NC
GND
SN65LVDS2 and SN65LVDT2
D Package
(TOP VIEW)
1
2
3
4
8
7
6
5
110-W Resistor for LVDT Only
110-W Resistor for LVDT Only
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
5 Device Options
PART NUMBER
INTEGRATED TERMINATION
PACKAGE
SN65LVDS1DBV
SOT-23 (5)
SN65LVDS1D
SOIC (8)
SN65LVDS2DBV
SOT-23 (5)
SN65LVDS2D
SOIC (8)
SN65LVDT2DBV
√
SOT-23 (5)
SN65LVDT2D
√
SOIC (8)
6 Pin Configuration and Functions
Pin Functions: SN65LVDS1
PIN
I/O
DESCRIPTION
NAME
DBV
D
VCC
1
1
--
Supply voltage
GND
2
4
--
Ground
D
5
2
I
LVTTL input signal
Y
4
7
O
Differential (LVDS) non-inverting output
Z
3
8
O
Differential (LVDS) inverting output
NC
--
3, 5, 6
--
No connect
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com