Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 18Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 19Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 20Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 21Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Table 2. Receiver Function(1)
INPUTS
OUTPUT
VID = VA – VB
R
VID ≥ 100 mV
H
–100 mV < VID < 100 mV
?
VID ≤ –100 mV
L
Open
H
(1)
H = High level, L = low level, ? = indeterminate
9.4.5 SN65LVDS2 and SN65LVDT2 Truth Table
As can be seen from the truth table, when the receiver differential input signal is greater than 100 mV, the
receiver output is high, and when the differential input voltage is below –100 mV, the receiver output is low.
When the input voltage is between these thresholds (that is, between –100 mV and 100 mV), the receiver output
is indeterminate. It may be high or low. A special case occurs when the input to the receiver is open-circuited.
Table 3. Driver Function(1)
INPUT
OUTPUTS
D
Y
Z
H
H
L
L
L
H
Open
L
H
(1)
H = High level, L = low level, ? = indeterminate
Table 4. Receiver Function(1)
INPUTS
OUTPUT
VID = VA – VB
R
VID ≥ 100 mV
H
–100 mV < VID < 100 mV
?
VID ≤ –100 mV
L
Open
H
(1)
H = High level, L = low level, ? = indeterminate
18
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com