Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 24Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 25Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 26Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 27Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 28Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 29Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 30Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 31Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Layout Guidelines (continued)
In the case of two adjacent single-ended traces, one should use the 3-W rule, which stipulates that the distance
between two traces must be greater than two times the width of a single trace, or three times its width measured
from trace center to trace center. This increased separation effectively reduces the potential for crosstalk. The
same rule should be applied to the separation between adjacent LVDS differential pairs, whether the traces are
edge-coupled or broad-side-coupled.
Figure 28. 3-W Rule for Single-Ended and Differential Traces (Top View)
You should exercise caution when using autorouters, because they do not always account for all factors affecting
crosstalk and signal reflection. For instance, it is best to avoid sharp 90° turns to prevent discontinuities in the
signal path. Using successive 45° turns tends to minimize reflections.
12.1.5 Crosstalk and Ground Bounce Minimization
To reduce crosstalk, it is important to provide a return path to high-frequency currents that is as close as possible
to its originating trace. A ground plane usually achieves this. Because the returning currents always choose the
path of lowest inductance, they are most likely to return directly under the original trace, thus minimizing
crosstalk. Lowering the area of the current loop lowers the potential for crosstalk. Traces kept as short as
possible with an uninterrupted ground plane running beneath them emit the minimum amount of electromagnetic
field strength. Discontinuities in the ground plane increase the return path inductance and should be avoided.
28
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com