Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 9Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 10Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 11Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 12Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
2 V
1.4 V or 1.2 V (see Note B)
0.8 V
100%
80%
20%
0%
0 V
VOD(H)
VOD(L)
Output
Input
VOD
Z
Y
Input
100
Ω
±1%
CL = 10 pF
(2 Places)
tPHL
tPLH
tf
tr
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
Parameter Measurement Information (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10 ± 0.2 ns. CL includes instrumentation and fixture capacitance within 0.06 mm of
the device under test.
B.
This point is 1.4 V with VCC = 3.3 V or 1.2 V with VCC = 2.7 V.
Figure 13. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
12
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com