Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVT
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN65LVDT2DBVT Datasheet HTML 11Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 12Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 14Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 15Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 16Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 17Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 18Page - Texas Instruments SN65LVDT2DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
V
CC
50 W
300kW
7V
DInput
V
CC
7V
10kW
5 W
Y orZOutput
S0313-02
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
Feature Description (continued)
9.3.1.3 5-V Input Tolerance
5-V and 3.3-V TTL logic standards share the same input high-voltage and input low-voltage thresholds, namely
2.0 V and 0.8 V, respectively. Although the maximum supply voltage for the SN65LVDS1 is 3.6 V, the driver can
operate and meet all performance requirements when the input signals are as high as 5 V. This allows operation
with 3.3-V TTL as well as 5-V TTL logic. 3.3-V CMOS and 5-V CMOS inputs are also allowable, although one
should ensure that the duty-cycle distortion that will result from the TTL (ground-referenced) thresholds are
acceptable.
9.3.1.4 NC Pins
NC (not connected) pins are pins where the die is not physically connected to the lead frame or package. For
optimum thermal performance, a good rule of thumb is to ground the NC pins at the board level.
9.3.1.5 Driver Equivalent Schematics
The SN65LVDS1 equivalent input and output schematic diagrams are shown in Figure 15. The driver input is
represented by a CMOS inverter stage with a 7-V Zener diode. The input stage is high-impedance, and includes
an internal pulldown to ground. If the driver input is left open, the driver input provides a low-level signal to the
rest of the driver circuitry, resulting in a low-level signal at the driver output pins. The Zener diode provides ESD
protection. The driver output stage is a differential pair, one half of which is shown in Figure 15. Like the input
stage, the driver output includes a Zener diode for ESD protection. The schematic shows an output stage that
includes a set of current sources (nominally 3.5 mA) that are connected to the output load circuit based upon the
input stage signal. To the first order, the SN65LVDS2 output stage acts a constant-current source.
Figure 15. Driver Equivalent Input and Output Schematic Diagrams
9.3.2 SN65LVDS2 and SN65LVDT2 Features
9.3.2.1 Receiver Open Circuit Fail-Safe
One of the most common problems with differential signaling applications is how the system responds when no
differential voltage is present on the signal pair. The LVDS receiver is like most differential line receivers in that
its output logic state can be indeterminate when the differential input voltage is between –100 mV and 100 mV
and within its recommended input common-mode voltage range. However, the TI LVDS receiver is different in
how it handles the open-input circuit situation.
Open circuit means that there is little or no input current to the receiver from the data line itself. This could be
when the driver is in a high-impedance state or the cable is disconnected. When this occurs, the LVDS receiver
pulls each line of the signal to VCC through 300-kΩ resistors as shown in Figure 16. The fail-safe feature uses an
AND gate with input voltage thresholds at about 2.3 V to detect this condition and force the output to a high level.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com