Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 7Page - STMicroelectronics UM1996 Datasheet HTML 8Page - STMicroelectronics UM1996 Datasheet HTML 9Page - STMicroelectronics UM1996 Datasheet HTML 10Page - STMicroelectronics UM1996 Datasheet HTML 11Page - STMicroelectronics UM1996 Datasheet HTML 12Page - STMicroelectronics UM1996 Datasheet HTML 13Page - STMicroelectronics UM1996 Datasheet HTML 14Page - STMicroelectronics UM1996 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
UM1996
Getting started
DocID028716 Rev 2
11/29
Pin
Default
Signal
Solder
Bridge
8
U5V(1)
9
GND
10
NC
11
PA5(2)
GPIO/DAC/PWM
R80 N.M.
12
PA12
CPOUT
R52
13
PA6(3)
BKIN
R78
14
PA11
BKIN
R73
15
PA7(4)
UL - TIM1_CH1N
R58
16
PB12
17
PB6
18
PB11/NC
For NUCLEO-F401RE: remove the R60
resistor if 6-Step control is used (X-CUBE-SPN8)
BEMF2
R60
19
PC7
20
GND
21
PA9
VH - TIM1_CH2
R64
22
PB2
LED RED
R83
23
PA8
UH - TIM1_CH1
R56
24
PB1
WL
– TIM1_CH3N
R72
25
PB10
Encoder Z/ Hall H3
R84
26
PB15(4)
UL
– TIM1_CH1N
R86
27
PB4
CURRENT REF
R77
28
PB14(3)
BKIN
R74
29
PB5
GPIO/DAC/PWM
R85
30
PB13(2)
GPIO/DAC/PWM
R82 N.M.
31
PB3
Encoder B/ Hall H2
R81
32
AGND
33
PA10
WH - TIM1_CH3
R70
34
PC4
BEMF2
R61
35
PA2
36
NC/PF5
37
PA3
38
NC/PF4
Notes:
(1)U5V is 5 V power from ST-LINK/V2-1 USB connector and it rises before +5 V
(2) For NUCLEO-F302R8 - pin PA5 is on CN10/pin 30 and PB13 is on CN10/pin 11
(3) For NUCLEO-F302R8 - pin PA6 is on CN10/pin 28 and PB14 is on CN10/pin 13
(4) For NUCLEO-F302R8 - pin PA7 is on CN10/pin 26 and PB15 is on CN10/pin 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com