Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics UM1996 Datasheet HTML 26Page - STMicroelectronics UM1996 Datasheet HTML 27Page - STMicroelectronics UM1996 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Bill of materials
UM1996
24/29
DocID028716 Rev 2
Item
Package
Manufacturer
Manufacturer’s ordering code /
Orderable Part Number
Additional Notes
12
SMD
6.3mm
diameter
Nichicon
RSS1E470MCN1GS
13
0603
ANY
ANY
14
1206
MURATA
GRM31CR61H106KA12L
15
0603
ANY
ANY
16
0805
ANY
ANY
17
0805
ANY
ANY
18
0603
ANY
ANY
NOT MOUNTED
19
Through
hole
Nichicon
UPS1J331MHD
20
SMD
STMicroelectr
onics
SMBJ48A-TR
21
SOD-523
STMicroelectr
onics
BAT30KFILM
22
SMD 0603
Lite-on
LTST-C193KRKT-5A
23
SOD-123
STMicroelectr
onics
STPS0560Z
24
TH
2.54mm
pitch
any
Mount with female
jumper (*)
25
TH 6.35
mm pitch
Phoenix
Contact
1714955
26
TH
2.54mm
pitch
any
27
TH
Vero
Technologies
20-2137
28
Tin drop JUMPER in
1sh direction (See
assembly drawing)
29
TH
2.54mm
pitch
any
30
TH 6.35
mm pitch
Phoenix
Contact
1714968
31
TH
2.54mm
pitch
Samtec
ESQ-119-24-T-D
Alternative:4UCONN
8413 info:Male on
top, female on
bottom
32
TH
2.54mm
pitch
Samtec
ESQ-108-24-T-S
Alternative:4UCONN
15284 Mounting info:
Female on top, male
on bottom -NOT
MOUNTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com