Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 12Page - STMicroelectronics UM1996 Datasheet HTML 13Page - STMicroelectronics UM1996 Datasheet HTML 14Page - STMicroelectronics UM1996 Datasheet HTML 15Page - STMicroelectronics UM1996 Datasheet HTML 16Page - STMicroelectronics UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Circuit description
UM1996
16/29
DocID028716 Rev 2
Figure 11: X-NUCLEO-IHM08M1
– power section
4.1.2
Overcurrent detection (OCP) and current sensing measurement
Over Current Protection (OCP) is implemented by hardware with a detection circuit. The
current is compared with an embedded current reference (by the MCU) and the output
generates a fault condition at the BKIN pin that goes to ground. This pin, connected to
STM32 Nucleo board (BKIN Timer function), detects this condition and immediately
disables the driving signals (see the schematic below).
Figure 12: X-NUCLEO-IHM08M1
– OCP circuit
The current sensing inputs (refer to the following three schematics) are connected to the
sensing resistors and you can choose between a three-shunt or single-shunt configuration
through jumpers J5 and J6 (see jumperSETtable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com