Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics UM1996 Datasheet HTML 25Page - STMicroelectronics UM1996 Datasheet HTML 26Page - STMicroelectronics UM1996 Datasheet HTML 27Page - STMicroelectronics UM1996 Datasheet HTML 28Page - STMicroelectronics UM1996 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
UM1996
X-NUCLEO-IHM08M1 STM32 PMSM FOC SDK
parameters
DocID028716 Rev 2
27/29
6
X-NUCLEO-IHM08M1 STM32 PMSM FOC SDK
parameters
Table 5: STM32 PMSM FOC SDK parameters
parameter
X-NUCLEO-IHM08M1
default value
Unit
ICL shut out
Disabled
Dissipative brake
Disabled
Bus voltage sensing
Enabled
Bus voltage divider
19
Min rated voltage
8
V
Max rated voltage
50
V
Nominal voltage
12
V
Temperature sensing
Enabled
V0
1055
mV
T0
25.0
°C
∆V/∆T
22.7
mV/°C
Max. working temperature on sensor
110
°C
Overcurrent protection
Enabled
Comparator threshold
0.30
V
Overcurrent network offset
0
V
Overcurrent network gain
0.01
V/A
Expected overcurrent threshold
30
A
Overcurrent feedback signal polarity
Active low
Overcurrent protection disabling network
Disabled
Overcurrent protection disabling network polarity
Any
Current sensing
Enabled
Current reading topology
Three shunts or one
shunt resistor depending
on configuration
Shunt resistor(s) value
0.010
Ω
Amplifying network gain
5.18
T-noise
1000
ns
T-rise
1000
ns
U,V,W driver High side driving signal
Active high
U,V,W driver Low side driving signal complemented from high
side
Disabled
U,V,W driver Low side driving signal polarity
Active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com