Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 16Page - STMicroelectronics UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics UM1996 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Bill of materials
UM1996
20/29
DocID028716 Rev 2
Item
Quantity
Reference
Part / Value
Voltage / Watt
/ Ampere
Type /
TECNOLOGY
information
Tol.
12
1
C88
47uF
25V
Functional
Polymer
Aluminum
Solid
Electrolytic
Capacitors
0.2
13
1
C30
820pF
25V
Ceramic
Multilayer
Capacitors
X7R
10%
14
2
C31,C32
10uF
50V
Ceramic
Multilayer
Capacitors
X5R
10%
15
6
C100,C101,
C106,C107,
C116,C117
100pF
6.3V
Ceramic
Multilayer
Capacitors
X7R
10%
16
3
C102,C108,
C118
470nF
25V
Ceramic
Multilayer
Capacitors
X7R
10%
17
3
C103,C109,
C119
1uF
50V
Ceramic
Multilayer
Capacitors
X7R
10%
18
6
C104,C105,
C110,C111,
C120,C121
NM
25V
Ceramic
Multilayer
Capacitors
X7R
10%
19
2
C114,C123
330uF
63V
Electrolytic
Capacitor
0.2
20
1
D1
SMBJ48A-TR
Transil
21
16
D2,D3,D4,D
5,D6,D7,D8,
D9,D10,D12,
D21,D22,D2
3,D24,D25,D
26
BAT30KFILM
30V, 0.3A
ST
SCHOTTKY
DIODE
22
1
D11
RED
LED standard
- SMD
23
4
D14,D15,D1
6,D17
STPS0560Z
60V/0.5A
ST POWER
SCHOTTKY
DIODE
24
4
JP1,JP2,
JP3,J9
JUMPER
2 WAYS
STRIP LINE-
MALE 2.54mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com