Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 13Page - STMicroelectronics UM1996 Datasheet HTML 14Page - STMicroelectronics UM1996 Datasheet HTML 15Page - STMicroelectronics UM1996 Datasheet HTML 16Page - STMicroelectronics UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
UM1996
Circuit description
DocID028716 Rev 2
17/29
Figure 13: X-NUCLEO-IHM08M1
– Current sensing circuit (1 of 3)
Figure 14: X-NUCLEO-IHM08M1
– Current sensing circuit (2 of 3)
Figure 15: X-NUCLEO-IHM08M1
– Current sensing circuit (3 of 3)
4.2
Analog section
4.2.1
Hall/Encoder motor speed sensor
The X-NUCLEO-IHM08M1 expansion board implements the Hall/Encoder sensor detecting
circuit for speed measurement, the schematic for which is given in the figure below. The
motor sensor pin, through the J3 connector and an analog circuit, are connected to the
STM32 Nucleo board in order to determine motor spin; a +5 V and GND are also provided
to power the sensors. Jumper JP3 is available for sensors that require external pull-up (see
jumperSETtable).
Figure 16: X-NUCLEO-IHM08M1
– Hall/Encoder sensor circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com