Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 14Page - STMicroelectronics UM1996 Datasheet HTML 15Page - STMicroelectronics UM1996 Datasheet HTML 16Page - STMicroelectronics UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Circuit description
UM1996
18/29
DocID028716 Rev 2
4.3
BEMF detection circuit
The X-NUCLEO-IHM08M1 expansion board provides two hardware solutions for motor
position measurement: one based on sensors (refer to Hall/Encoder motor speed sensor)
and other based on sensorless detection.
In 6-step driving mode, one of the three phases is left in the high-impedance state and we
can detect BEMF zero-crossing events by comparing the voltage of this phase with the
center-tap voltage. This signal is acquired through an analog circuit embedded on the
board, as shown below.
Figure 17: X-NUCLEO-IHM08M1
– BEMF detection circuit
The X-NUCLEO-IHM08M1 expansion board provides the hardware for bus voltage sensing
and temperature measurement. This signal is acquired with a resistor divider and with an
embedded NTC (placed close to STL220N6F7 Power MOSFET), as shown below.
Figure 18: X-NUCLEO-IHM08M1
– VBUS and temperature sensing circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com