Electronic Components Datasheet Search
  English  ▼

X  

UM1996 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1996
Description  Getting started with X-NUCLEO-IHM08M1 low-voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1996 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1996 Datasheet HTML 15Page - STMicroelectronics UM1996 Datasheet HTML 16Page - STMicroelectronics UM1996 Datasheet HTML 17Page - STMicroelectronics UM1996 Datasheet HTML 18Page - STMicroelectronics UM1996 Datasheet HTML 19Page - STMicroelectronics UM1996 Datasheet HTML 20Page - STMicroelectronics UM1996 Datasheet HTML 21Page - STMicroelectronics UM1996 Datasheet HTML 22Page - STMicroelectronics UM1996 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
UM1996
Bill of materials
DocID028716 Rev 2
19/29
5
Bill of materials
Table 5: BoM (1 of 2)
Item
Quantity
Reference
Part / Value
Voltage / Watt
/ Ampere
Type /
TECNOLOGY
information
Tol.
1
10
C1,C12,C16,
C19,C23,C2
7,C89,C124,
C126,C128
100nF
50V
Ceramic
Multilayer
Capacitors
X7R
10%
2
1
C2
4.7uF 10V
10V
Ceramic
Multilayer
Capacitors
X7R
20%
3
3
C3,C5,C7
15nF 10V
10V
Ceramic
Multilayer
Capacitors
X7R
10%
4
3
C4,C6,C8
100pF/6.3V
6.3V
Ceramic
Multilayer
Capacitors
X7R
10%
5
4
C10,C125,C
127,C129
10nF 10V
10V
Ceramic
Multilayer
Capacitors
X7R
10%
6
2
C11,C13
100nF
100V
Ceramic
Multilayer
Capacitors
X7R
10%
7
1
C14
4.7nF
10V
Ceramic
Multilayer
Capacitors
X7R
10%
8
1
C18
10nF NM
10V
Ceramic
Multilayer
Capacitors
X7R
10%
9
3
C20,C21,C2
2
10pF
10V
Ceramic
Multilayer
Capacitors
C0G
5%
10
1
C28
100nF
100V
Ceramic
Multilayer
Capacitors
X7R
10%
11
1
C29
10uF
25V
Ceramic
Multilayer
Capacitors
X7R
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com