Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 13Page - ATMEL Corporation AT94S Datasheet HTML 14Page - ATMEL Corporation AT94S Datasheet HTML 15Page - ATMEL Corporation AT94S Datasheet HTML 16Page - ATMEL Corporation AT94S Datasheet HTML 17Page - ATMEL Corporation AT94S Datasheet HTML 18Page - ATMEL Corporation AT94S Datasheet HTML 19Page - ATMEL Corporation AT94S Datasheet HTML 20Page - ATMEL Corporation AT94S Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
AT94S Secure Family
2314D–FPSLI–2/04
Packaging and
Pin List information
Table 3. Part and Package Combinations Available
Part #
Package
AT94S05
AT94S10
AT94S40
BG256
DG
93
137
162
LQ144
BQ
–
84
84
Table 4. AT94K JTAG ICE Pin List
Pin
AT94S05
96 FPGA I/O
AT94S10
192 FPGA I/O
AT94S40
384 FPGA I/O
TDI
IO34IO50IO98
TDO
IO38
IO54
IO102
TMS
IO43
IO63
IO123
TCK
IO44
IO64
IO124
Table 5. AT94S Pin List
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)
FPSLIC Array
I/O1, GCK1 (A16)
I/O1, GCK1 (A16)
I/O1, GCK1 (A16)
A1
2
I/O2 (A17)
I/O2 (A17)
I/O2 (A17)
D4
3
I/O3
I/O3
I/O3
D3
4
I/O4
I/O4
I/O4
B1
5
I/O5 (A18)
I/O5 (A18)
I/O5 (A18)
C2
6
I/O6 (A19)
I/O6 (A19)
I/O6 (A19)
C1
7
I/O7
I/O8
NC
NC
I/O9
D2
NC
NC
I/O10
D1
I/O11
I/O12
I/O13
I/O14
I/O7
I/O7
I/O15
E3
I/O8
I/O8
I/O16
E4
NC
I/O9
I/O17
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com