Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 2Page - ATMEL Corporation AT94S Datasheet HTML 3Page - ATMEL Corporation AT94S Datasheet HTML 4Page - ATMEL Corporation AT94S Datasheet HTML 5Page - ATMEL Corporation AT94S Datasheet HTML 6Page - ATMEL Corporation AT94S Datasheet HTML 7Page - ATMEL Corporation AT94S Datasheet HTML 8Page - ATMEL Corporation AT94S Datasheet HTML 9Page - ATMEL Corporation AT94S Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
AT94S Secure Family
2314D–FPSLI–2/04
Bit Ordering Protocol
The most significant bit is the first bit of a byte transmitted on the cSDA line for the
Device Address Byte and the EEPROM Address Bytes. It is followed by the lesser sig-
nificant bits until the eighth bit, the least significant bit, is transmitted. However, for Data
Bytes (both writing and reading), the first bit transmitted is the least significant bit. This
protocol is shown in the diagrams below.
Device Address Byte
The contents of the Device Address Byte are shown below, along with the order in which
the bits are clocked into the device.
The CE pin cannot be used for device selection in programming mode (i.e., when
SER_EN is drive Low).
Figure 2. Start and Stop Conditions
Where:R/W = 1 Read
= 0 Write
EEPROM Address
The EEPROM Address consists of three bytes on the 1-Mbit part. Each Address Byte is
followed by an Acknowledge Bit (provided by the Configurator). These bytes define the
normal address space of the Configurator. The order in which each byte is clocked into
the Configurator is also indicated. Unused bits in an Address Byte must be set to “0”.
Exceptions to this are when reading Device and Manufacturer Codes.
8th Bit
STOP
Condition
Byte n
cSCK
cSDA
START
Condition
tWR
ACK BIT
Device Address Byte
MSB
LSB
10
10
011
R/W
1st
2nd
3rd
4th
5th
6th
7th
8th
MSB
LSB
MSB
LSB
MSB
LSB
0
0
0
0000
A
E16
ACK
A
E15
A
E14
A
E13
A
E12
A
E11
A
E10
A
E9
A
E8
ACK
A
E7
A
E6
A
E5
A
E4
A
E3
A
E2
A
E1
A
E0
ACK
1st
2nd
3rd
4th
5th
6th
7th
8th
1st
2nd
3rd
4th
5th
6th
7th
8th
1st
2nd
3rd
4th
5th
6th
7th
8th
512-Kbit/1-Mbit Page Length
1-Mbit Address Space
Byte Order
512-Kbit Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com