Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 3 Page - ATMEL Corporation

  AT94S Datasheet HTML 1Page - ATMEL Corporation AT94S Datasheet HTML 2Page - ATMEL Corporation AT94S Datasheet HTML 3Page - ATMEL Corporation AT94S Datasheet HTML 4Page - ATMEL Corporation AT94S Datasheet HTML 5Page - ATMEL Corporation AT94S Datasheet HTML 6Page - ATMEL Corporation AT94S Datasheet HTML 7Page - ATMEL Corporation AT94S Datasheet HTML 8Page - ATMEL Corporation AT94S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
AT94S Secure Family
2314D–FPSLI–2/04
Figure 1. AT94S Architecture
The embedded AVR core achieves throughputs approaching 1 MIPS per MHz by exe-
cuting powerful instructions in a single-clock-cycle, and allows system designers to
optimize power consumption versus processing speed. The AVR core is based on an
enhanced RISC architecture that combines a rich instruction set with 32 general-pur-
pose working registers. All 32 registers are directly connected to the Arithmetic Logic
Unit (ALU), allowing two independent registers to be accessed in one single instruction
executed in one clock cycle. The resulting architecture is more code-efficient while
achieving throughputs up to ten times faster than conventional CISC microcontrollers at
the same clock frequency. The AVR executes out of on-chip SRAM. Both the FPGA
configuration SRAM and AVR instruction code SRAM are automatically loaded at sys-
tem power-up using Atmel’s in-system programmable AT17 Series EEPROM
configuration memories, which are part of the AT94S Multi-chip Module (MCM).
State-of-the-art FPSLIC design tools, System Designer™, were developed in conjunc-
tion with the FPSLIC architecture to help reduce overall time-to-market by integrating
microcontroller development and debugging, FPGA development, place and route, and
complete system co-verification in one easy-to-use software tool.
5 - 40K Gates FPGA
Up to
16K x 8
Data
SRAM
Up to 16K x 16
Program
SRAM Memory
PROGRAMMABLE I/O
with
Multiply
Two 8-bit
Timer/Counters
16 Prog. I/O
Lines
I/O
I/O
I/O
2-wire Serial
Unit
Up to 16
Decoded
Address Lines
4 Interrupt Lines
Configuration Logic
Configuration
EEPROM
I/O
For ISP
and Chip
Erase
Two Serial
UARTs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com