Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 5 Page - ATMEL Corporation

  AT94S Datasheet HTML 1Page - ATMEL Corporation AT94S Datasheet HTML 2Page - ATMEL Corporation AT94S Datasheet HTML 3Page - ATMEL Corporation AT94S Datasheet HTML 4Page - ATMEL Corporation AT94S Datasheet HTML 5Page - ATMEL Corporation AT94S Datasheet HTML 6Page - ATMEL Corporation AT94S Datasheet HTML 7Page - ATMEL Corporation AT94S Datasheet HTML 8Page - ATMEL Corporation AT94S Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
AT94S Secure Family
2314D–FPSLI–2/04
Again, the Acknowledge Bit is asserted on the cSDA line by the receiving device on a
byte-by-byte basis.
The factory blanks devices to all zeros before shipping. The array cannot otherwise be
“initialized” except by explicitly writing a known value to each location using the serial
protocol described herein.
Bit Format
Data on the cSDA pin may change only during the cSCK Low time; whereas Start and
Stop Conditions are identified as transitions during the cSCK High time.
Write Instruction Message Format
Current Address Read (Extended to Sequential Read) Instruction Message Format
Start and Stop
Conditions
The Start Condition is indicated by a high-to-low transition of the cSDA line when the
cSCK line is High. Similarly, the Stop Condition is generated by a low-to-high transition
of the cSDA line when the cSCK line is High, as shown in Figure 2.
The Start Condition will return the device to the state where it is waiting for a Device
Address (its normal quiescent mode).
The Stop Condition initiates an internally timed write signal whose maximum duration is
t
WR (refer to AC Characteristics table for actual value). During this time, the Configurator
must remain in programming mode (i.e., SER_EN is driven Low). cSDA and cSCK lines
are ignored until the cycle is completed. Since the write cycle typically completes in less
than t
WR seconds, we recommend the use of “polling” as described in later sections.
Input levels to all other pins should be held constant until the write cycle has been
completed.
Acknowledge Bit
The Acknowledge (ACK) Bit shown in Figure 2 is provided by the Configurator receiving
the byte. The receiving Configurator can accept the byte by asserting a Low value on
the cSDA line, or it can refuse the byte by asserting (allowing the signal to be externally
pulled up to) a High value on the cSDA line. All bytes from accepted messages must be
terminated by either an Acknowledge Bit or a Stop Condition. Following an ACK Bit,
when the cSDA line is released during an exchange of control between the Configurator
and the programmer, the cSDA line may be pulled High temporarily due to the open-col-
lector output nature of the line. Control of the line must resume before the next rising
edge of the clock.
ACK BIT
(CONFIGURATOR)
DATA
BYTE n
STOP
CONDITION
START
CONDITION
DEVICE
ADDRESS
MS EEPROM
ADDRESS BYTE
(NEXT) EEPROM
ADDRESS BYTE
LS EEPROM
ADDRESS BYTE
DATA
BYTE 1
ACK BIT
(CONFIGURATOR)
DATA
BYTE n
STOP
CONDITION
START
CONDITION
DEVICE
ADDRESS
DATA
BYTE 1
ACK BIT
(PROGRAMMER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com