Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 3Page - ATMEL Corporation AT94S Datasheet HTML 4Page - ATMEL Corporation AT94S Datasheet HTML 5Page - ATMEL Corporation AT94S Datasheet HTML 6Page - ATMEL Corporation AT94S Datasheet HTML 7Page - ATMEL Corporation AT94S Datasheet HTML 8Page - ATMEL Corporation AT94S Datasheet HTML 9Page - ATMEL Corporation AT94S Datasheet HTML 10Page - ATMEL Corporation AT94S Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
AT94S Secure Family
2314D–FPSLI–2/04
Notes:
1. The 1-Mbit part requires three EEPROM address
bytes; all three bytes must be individually ACK’d by
the EEPROM.
2. Data byte received/sent LSB to MSB.
EEPROM Address is Defined as:
Note:
where X
n ... X0 is (PAGE_COUNT)\b
T_BYTE
T_PAGE
AT17LV010
0000 000x
9 x8x7x6x5
x
4x3x2x1
x
0000
0000
AT17LV010
128
AT17LV010
1024
cSDA
cSCK
cSDA
cSCK
DATA BIT
STOP CONDITION
cSDA
cSCK
ACK BIT
cSDA
cSCK
ACK
START CONDITION
Programming Summary:
Write to Whole Device
SER_EN
≤ Low
PAGE_COUNT
≤ 0
START
Send Start Condition
BYTE_COUNT
≤ 0
Send Device Address
($A6)
ACK?
Send MSB of
EEPROM Address
(1)
ACK?
Send LSB of
EEPROM Address
(1)
Send Data Byte
(2)
BYTE_COUNT
≤
BYTE_COUNT+1
BYTE_COUNT =
T_BYTE?
Send Stop Condition
PAGE_COUNT
≤
PAGE_COUNT+1
PAGE_COUNT =
T_PAGE?
Yes
No
No
No
Yes
No
Send Start Condition
Send Device Address
($A7)
END
ACK?
Yes
No
ACK?
Yes
No
ACK?
Yes
No
Yes
SER_EN
≤ High
Low-power (Standby)
Power-Cycle EEPROM
(Latches 1st Byte for
FPGA Download
Operations)
1st Data Byte
Value Changed Due
to Write?
No
Yes
Middle Byte
EEPROM Address
ACK?
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com