Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 22Page - ATMEL Corporation AT94S Datasheet HTML 23Page - ATMEL Corporation AT94S Datasheet HTML 24Page - ATMEL Corporation AT94S Datasheet HTML 25Page - ATMEL Corporation AT94S Datasheet HTML 26Page - ATMEL Corporation AT94S Datasheet HTML 27Page - ATMEL Corporation AT94S Datasheet HTML 28Page - ATMEL Corporation AT94S Datasheet HTML 29Page - ATMEL Corporation AT94S Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
26
AT94S Secure Family
2314D–FPSLI–2/04
I/O340
I/O341
I/O342
I/O115
I/O171
I/O343
C8
131
I/O116
I/O172
I/O344
D8
132
NC
I/O173
I/O345
E8
NC
I/O174
I/O346
F8
I/O117 (A10)
I/O175 (A10)
I/O347 (A10)
H8
133
I/O118 (A11)
I/O176 (A11)
I/O348 (A11)
A7
134
NC
NC
I/O349
C7
NC
NC
I/O350
D7
I/O351
I/O352
I/O353
I/O354
I/O355
I/O356
NC
I/O177
I/O357
F7
NC
I/O178
I/O358
A6
I/O119
I/O179
I/O359
F6
135
I/O120
I/O180
I/O360
B6
136
I/O361
I/O362
NC
I/O181
I/O363
D6
NC
I/O182
I/O364
E6
I/O365
I/O366
I/O367
I/O368
I/O121
I/O183
I/O369
A5
I/O122
I/O184
I/O370
B5
I/O123 (A12)
I/O185 (A12)
I/O371 (A12)
E5
138
I/O124 (A13)
I/O186 (A13)
I/O372 (A13)
C5
139
I/O373
Table 5. AT94S Pin List (Continued)
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com