Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 18Page - ATMEL Corporation AT94S Datasheet HTML 19Page - ATMEL Corporation AT94S Datasheet HTML 20Page - ATMEL Corporation AT94S Datasheet HTML 21Page - ATMEL Corporation AT94S Datasheet HTML 22Page - ATMEL Corporation AT94S Datasheet HTML 23Page - ATMEL Corporation AT94S Datasheet HTML 24Page - ATMEL Corporation AT94S Datasheet HTML 25Page - ATMEL Corporation AT94S Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
22
AT94S Secure Family
2314D–FPSLI–2/04
I/O149
I/O150
I/O51
I/O75
I/O151
M9
58
I/O52
I/O76
I/O152
L9
59
NC
I/O77
I/O153
J9
NC
I/O78
I/O154
T10
I/O155
I/O156
I/O157
I/O158
I/O159
I/O160
I/O161
I/O162
NC
I/O79
I/O163
P10
NC
I/O80
I/O164
N10
I/O53 (TD4)
I/O81 (TD4)
I/O165 (TD4)
L10
60
I/O54 (TD3)
I/O82 (TD3)
I/O166 (TD3)
T11
61
I/O55
I/O83
I/O167
R11
62
I/O56
I/O84
I/O168
M11
63
NC
NC
I/O169
N11
NC
NC
I/O170
T12
NC
I/O85
I/O171
R12
NC
I/O86
I/O172
T13
I/O173
I/O174
I/O175
I/O176
NC
I/O87
I/O177
N12
NC
I/O88
I/O178
P12
I/O57
I/O89
I/O179
R13
I/O58
I/O90
I/O180
T14
NC
NC
I/O181
N13
NC
NC
I/O182
P13
Table 5. AT94S Pin List (Continued)
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com