Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 16Page - ATMEL Corporation AT94S Datasheet HTML 17Page - ATMEL Corporation AT94S Datasheet HTML 18Page - ATMEL Corporation AT94S Datasheet HTML 19Page - ATMEL Corporation AT94S Datasheet HTML 20Page - ATMEL Corporation AT94S Datasheet HTML 21Page - ATMEL Corporation AT94S Datasheet HTML 22Page - ATMEL Corporation AT94S Datasheet HTML 23Page - ATMEL Corporation AT94S Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
AT94S Secure Family
2314D–FPSLI–2/04
I/O86
I/O87
I/O88
I/O27 (A28)
I/O43 (A28)
I/O89 (A28)
P1
28
I/O28
I/O44
I/O90
P2
29
I/O91
I/O92
I/O29
I/O45
I/O93
R1
30
I/O30
I/O46
I/O94
N3
31
I/O31 (OTS)
I/O47 (OTS)
I/O95 (OTS)T1
32
I/O32, GCK2 (A29)
I/O48, GCK2 (A29)
I/O96, GCK2 (A29)
P3
33
AVRRESET
AVRRESET
AVRRESET
R2
34
M0
M0
M0
R3
36
FPSLIC Array
M2
M2
M2
T3
38
I/O33, GCK3
I/O49, GCK3
I/O97, GCK3
R4
39
I/O34 (HDC/TDI)
I/O50 (HDC/TDI)
I/O98 (HDC/TDI)
T4
40
I/O35
I/O51
I/O99
N5
41
I/O36
I/O52
I/O100
P5
42
I/O53
I/O101
43
SER_EN
SER_EN
SER_EN
M5
81
I/O38 (LDC/TDO)
I/O54 (LDC/TDO)
I/O102 (LDC/TDO)
R5
44
I/O103
I/O104
I/O105
I/O106
NC
NC
I/O107
T5
NC
NC
I/O108
M6
I/O39
I/O55
I/O109
P6
I/O40
I/O56
I/O110
R6
NC
I/O57
I/O111
L6
NC
I/O58
I/O112
T6
I/O113
I/O114
Table 5. AT94S Pin List (Continued)
AT94S05
96 FPGA I/O
AT94S10
144 FPGA I/O
AT94S40
288 FPGA I/O
Package
Chip Array 256
CABGA
LQ144
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com