Electronic Components Datasheet Search
  English  ▼

X  

DP8473 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 19Page - National Semiconductor (TI) DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) DP8473 Datasheet HTML 22Page - National Semiconductor (TI) DP8473 Datasheet HTML 23Page - National Semiconductor (TI) DP8473 Datasheet HTML 24Page - National Semiconductor (TI) DP8473 Datasheet HTML 25Page - National Semiconductor (TI) DP8473 Datasheet HTML 26Page - National Semiconductor (TI) DP8473 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AC Electrical Characteristics
MICROPROCESSOR READ TIMING
TLF9384 – 11
Symbol
Parameter
Min
Max
Units
tAR
Address Valid prior to Read Strobe
10
ns
tRA
Address Hold from Read Strobe
0
ns
tRR
Read Strobe Width
75
ns
tRD
Read Strobe and Chip Select to Data Valid
75
ns
tADR
Address Valid to Read Data
85
ns
tDR
Data Hold from Read Strobe to High Impedance
5
60
ns
(TRI-STATE Note)
tRI
Clear INT from Read Strobe
65
ns
TRI-STATE Note
This limit includes the RC delay inherent in our test method This signal will typically turn off within 15 ns enabling other devices to drive this
signal with no contention
MICROPROCESSOR WRITE TIMING
TLF9384 – 12
Symbol
Parameter
Min
Max
Units
tAW
Address Valid to Leading Edge of Write Strobe
10
ns
tWA
Address Hold from Write Strobe
0
ns
tWW
Write Strobe Width
25
ns
tADW
Address Valid to Trailing Edge of Write Strobe
35
ns
tDW
Data Setup to End of Write Strobe or Chip Select
20
ns
tWD
Data Hold from Write Strobe
12
ns
tWI
Clear INT from Write Strobe
65
ns
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com