Electronic Components Datasheet Search
  English  ▼

X  

DP8473 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) DP8473 Datasheet HTML 22Page - National Semiconductor (TI) DP8473 Datasheet HTML 23Page - National Semiconductor (TI) DP8473 Datasheet HTML 24Page - National Semiconductor (TI) DP8473 Datasheet HTML 25Page - National Semiconductor (TI) DP8473 Datasheet HTML 26Page - National Semiconductor (TI) DP8473 Datasheet HTML 27Page - National Semiconductor (TI) DP8473 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AC Electrical Characteristics (Continued)
DRIVE WRITE TIMING
TLF9384 – 16
Symbol
Parameter
Conditions
Min
Max
Units
tWD
Write Data Pulse Width
250 kbs (MFM)
500
ns
300 kbs (MFM)
416
ns
500 kbs (MFM)
250
ns
1000 kbs(MFM)
225
ns
tHDS
Head Select Setup to Write Gate Assertion
50
m
s
tHDH
Head Select Hold from Write Gate
15
m
s
Note 11
Whenever WGATE is asserted the WDATA line is active At the end of each write one dummy byte is written before WGATE is deasserted
DRIVE TRACK ACCESS TIMING
TLF9384 – 17
Symbol
Parameter
Min
Max
Units
tDST
Direction Setup prior to Step
6
m
s
tDH
Direction Hold from End of Step
1 step time
tSTP
Step Pulse Width
8
m
s
tIW
Index Pulse Width
100
ns
tDRV
Drive Select or Motor Time from Write Strobe
100
ns
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com