Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 231 page
background image
Rev. 1.60
106
�ove��e� ��� �01�
Rev. 1.60
107
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Standard Type TM Register Description
OveralloperationoftheStandardTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter16-bitvalue,whilearead/writeregisterpairexiststostore
theinternal16-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellastheeightCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM�C0
T�PAU
T�CK�
T�CK1
T�CK0
T�O�
—
—
—
TM�C1
T�M1
T�M0
T�IO1
T�IO0
T�OC
T�POL
T�DPX
T�CCLR
TM�DL
D7
D6
D�
D�
D3
D�
D1
D0
TM�DH
D1�
D1�
D13
D1�
D11
D10
D9
D8
TM�AL
D7
D6
D�
D�
D3
D�
D1
D0
TM�AH
D1�
D1�
D13
D1�
D11
D10
D9
D8
TM�RP
D7
D6
D�
D�
D3
D�
D1
D0
16-bit Standard TM Register List
TM2C0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
T�PAU
T�CK�
T�CK1
T�CK0
T�O�
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
T2PAU:TM2CounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
T2CK2~T2CK0:SelectTM2Counterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:Undefined
110:TCK2risingedgeclock
111:TCK2fallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.SelectingtheReserved
clockinputwilleffectivelydisabletheinternalcounter.Theexternalpinclocksource
canbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSisthe
systemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcanbe
foundintheoscillatorsection.
Bit3
T2ON:TM2CounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheTM.Settingthebithighenablesthe
countertorun,clearingthebitdisablestheTM.Clearingthisbittozerowillstopthe
counterfromcountingandturnofftheTMwhichwillreduceitspowerconsumption.
Whenthebitchangesstatefromlowtohightheinternalcountervaluewillbereset
tozero,howeverwhenthebitchangesfromhightolow,theinternalcounterwill



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com