Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 231 page
background image
Rev. 1.60
108
�ove��e� ��� �01�
Rev. 1.60
109
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit3
T2OC:TP2_0,TP2_1Outputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheTMoutputpin.Itsoperationdependsupon
whetherTMisbeingusedintheCompareMatchOutputModeorinthePWMMode/
SinglePulseOutputMode.IthasnoeffectiftheTMisintheTimer/CounterMode.In
theCompareMatchOutputModeitdeterminesthelogicleveloftheTMoutputpin
beforeacomparematchoccurs.InthePWMModeitdeterminesifthePWMsignalis
activehighoractivelow.
Bit2
T2POL:TP2_0,TP2_1OutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheTP2_0orTP2_1outputpin.Whenthebitisset
hightheTMoutputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasno
effectiftheTMisintheTimer/CounterMode.
Bit1
T2DPX:TM2PWMperiod/dutyControl
0:CCRP-period;CCRA-duty
1:CCRP-duty;CCRA-period
Thisbit,determineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
T2CCLR:SelectTM2Counterclearcondition
0:TM2ComparatrorPmatch
1:TM2ComparatrorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
CompactTMcontainstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeT2CCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheT2CCLRbitisnot
usedinthePWMMode,SinglePulseorInputCaptureMode.
TM2DL Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:TM2CounterLowByteRegisterbit7~bit0
TM216-bitCounterbit7~bit0
TM2DH Register
Bit
7
6
5
4
3
2
1
0
�a�e
D1�
D1�
D13
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:TM2CounterHighByteRegisterbit7~bit0
TM216-bitCounterbit15~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com