Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 231 page
background image
Rev. 1.60
108
�ove��e� ��� �01�
Rev. 1.60
109
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
TM2AL Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:TM2CCRALowByteRegisterbit7~bit0
TM216-bitCCRAbit7~bit0
TM2AH Register
Bit
7
6
5
4
3
2
1
0
�a�e
D1�
D1�
D13
D1�
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~~0
D15~D8:TM2CCRAHighByteRegisterbit7~bit0
TM216-bitCCRAbit15~bit8
TM2RP Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:TM2CCRPRegisterbit7~bit0
TM2CCRP8-bitregister,comparedwiththeTM2Counterbit15~bit8.Comparator
PMatchPeriod
0:65536TM2clocks
1~255:256×(1~255)TM2clocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter’shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheT2CCLRbitissetto
zero.SettingtheT2CCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Standard Type TM Operating Modes
TheStandardTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheT2M1andT2M0bitsintheTM2C1register.
Compare Output Mode
Toselectthismode,bitsT2M1andT2M0intheTM2C1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheT2CCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchfromComparatorP,theotheriswhentheCCRPbitsareallzerowhichallows
thecountertooverflow.HerebothT2AFandT2PFinterruptrequestflagsforComparatorAand
ComparatorPrespectively,willbothbegenerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com