Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 231 page
background image
Rev. 1.60
110
�ove��e� ��� �01�
Rev. 1.60
111
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
IftheT2CCLRbitintheTM2C1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheT2AFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
T2CCLRishighnoT2PFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto"0".
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenanT2AFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.TheT2PFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
T2IO1andT2IO0bitsintheTM2C1register.TheTMoutputpincanbeselectedusingtheT2IO1
andT2IO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
T2ONbitchangesfromlowtohigh,issetupusingtheT2OCbit.NotethatiftheT2IO1andT2IO0
bitsarezerothennopinchangewilltakeplace.
CCRA
CCRP
0xFFFFH
Counte�
ove�flow
CCRA Int.
FlagTnAF
CCRP Int.
FlagTnPF
CCRP > 0
Counte� clea�ed �y CCRP value
TM O/P Pin
TnO�
Pause
Counte�
Reset
Output Pin set
to Initial Level
Low if TnOC = 0
Output Toggle
with TnAF flag
He�eTnIO [1:0] = 11
Toggle Output Select
�owTnIO [1:0] = 10
Active High Output
Select
Output not affected �y
TnAF flag. Re�ains High
until �eset �yTnO� �it
TnCCLR = 0; TnM[1:0] = 00
TnPAU
Resu�e
Stop
Ti�e
CCRP > 0
CCRP = 0
TnAPOL
Output Pin
Reset to initial value
Output inve�ts
when TnPOL is high
Output cont�olled
�y othe� pin- sha�ed function
Counte� Value
Compare Match Output Mode – TnCCLR = 0 (n=2)
Note:1.WithTnCCLR=0aComparatorPmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com