Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 157 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 157 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 153Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 154Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 155Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 156Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 161Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 231 page
background image
Rev. 1.60
1�6
�ove��e� ��� �01�
Rev. 1.60
1�7
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit0
SIMCF:SIMtransferincompleteflagforSPIinterface
0:NoSPIincompletetransferoccurs
1:SPIincompletetransferoccurred
TheSIMCFbitisonlyusedfortheSPIslavedevicetoindicatewhethertheSPI
transferiscompleteornot.WhentheSPItransferisinprogressandtheSCSpinis
setto“1”,theSPItransferwillbestoppedandtheSIMCFflagwillbesetto1by
hareware.
• SIMC2 Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
CKPOLB
CKEG
MLS
CSE�
WCOL
TRF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
D7, D6:Undefinedbit
Thisbitcanbereadorwrittenbyusersoftwareprogram.
Bit5
CKPOLB:Determinesthebaseconditionoftheclockline
0:theSCKlinewillbehighwhentheclockisinactive
1:theSCKlinewillbelowwhentheclockisinactive
TheCKPOLBbitdeterminesthebaseconditionoftheclockline,ifthebitishigh,
thentheSCKlinewillbelowwhentheclockisinactive.WhentheCKPOLBbitis
low,thentheSCKlinewillbehighwhentheclockisinactive.
Bit4
CKEG:DeterminesSPISCKactiveclockedgetype
CKPOLB=0
0:SCKishighbaselevelanddatacaptureatSCKrisingedge
1:SCKishighbaselevelanddatacaptureatSCKfallingedge
CKPOLB=1
0:SCKislowbaselevelanddatacaptureatSCKfallingedge
1:SCKislowbaselevelanddatacaptureatSCKrisingedge
TheCKEGandCKPOLBbitsareusedtosetupthewaythattheclocksignaloutputs
andinputsdataontheSPIbus.Thesetwobitsmustbeconfiguredbeforedatatransfer
isexecutedotherwiseanerroneousclockedgemaybegenerated.TheCKPOLBbit
determinesthebaseconditionoftheclockline,ifthebitishigh,thentheSCKline
willbelowwhentheclockisinactive.WhentheCKPOLBbitislow,thentheSCK
linewillbehighwhentheclockisinactive.TheCKEGbitdeterminesactiveclock
edgetypewhichdependsupontheconditionofCKPOLBbit.
Bit3
MLS:SPIDatashiftorder
0:LSB
1:MSB
Thisisthedatashiftselectbitandisusedtoselecthowthedataistransferred,either
MSBorLSBfirst.SettingthebithighwillselectMSBfirstandlowforLSBfirst.
Bit2
CSEN:SPISCSpinControl
0:Disable
1:Enable
TheCSENbitisusedasanenable/disablefortheSCSpin.Ifthisbitislow,thenthe
SCSpinwillbedisabledandplacedintoafloatingcondition.IfthebitishightheSCS
pinwillbeenabledandusedasaselectpin.
NotethatusingtheCSENbitcanbedisabledorenabledviaconfigurationoption.
Bit1
WCOL:SPIWriteCollisionflag
0:Nocollision
1:Collision
TheWCOLflagisusedtodetectifadatacollisionhasoccurred.Ifthisbitishighit
meansthatdatahasbeenattemptedtobewrittentotheSIMDregisterduringadata
transferoperation.Thiswritingoperationwillbeignoredifdataisbeingtransferred.
Thebitcanbeclearedbytheapplicationprogram.NotethatusingtheWCOLbitcan
bedisabledorenabledviaconfigurationoption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com