Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 161 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 161 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 231 page
background image
Rev. 1.60
160
�ove��e� ��� �01�
Rev. 1.60
161
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
I2C Registers
TherearethreecontrolregistersassociatedwiththeI2Cbus,SIMC0,SIMC1andSIMAandone
dataregister,SIMD.TheSIMDregister,whichisshownintheaboveSPIsection,isusedtostore
thedatabeingtransmittedandreceivedontheI2Cbus.Beforethemicrocontrollerwritesdatato
theI2Cbus,theactualdatatobetransmittedmustbeplacedintheSIMDregister.Afterthedatais
receivedfromtheI2Cbus,themicrocontrollercanreaditfromtheSIMDregister.Anytransmission
orreceptionofdatafromtheI2CbusmustbemadeviatheSIMDregister.
NotethattheSIMAregisteralsohasthenameSIMC2whichisusedbytheSPIfunction.BitSIMEN
andbitsSIM2~SIM0inregisterSIMC0areusedbytheI2Cinterface.
Register
Name
Bit
7
6
5
4
3
2
1
0
SIMC0
SIM�
SIM1
SIM0
PCKE�
PCKP1
PCKP0
SIME�
D0
SIMC1
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
SIMD
D7
D6
D�
D�
D3
D�
D1
D0
SIMCA
IICA6
IICA�
IICA�
IICA3
IICA�
IICA1
IICA0
D0
I2C Registers List
• SIMC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
SIM�
SIM1
SIM0
PCKE�
PCKP1
PCKP0
SIME�
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
0
0
0
0
0
Bit7~5
SIM2~SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfSUB
100:SPImastermode;SPIclockisTM0CCRPmatchfrequency/2
101:SPIslavemode
110:I2Cslavemode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselectionand
theSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclockbut
canalsobechosentobesourcedfromtheTM0.IftheSPISlaveModeisselectedthen
theclockwillbesuppliedbyanexternalMasterdevice.
Bit4
PCKEN:PCKOutputPinControl
0:Disable
1:Enable
Bit3~2
PCKP1~PCKP0:SelectPCKoutputpinfrequency
00:fSYS
01:fSYS/4
10:fSYS/8
11:TM0CCRPmatchfrequency/2
Bit1
SIMEN:SIMControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDA
andSCLlineswillbeinafloatingconditionandtheSIMoperatingcurrentwillbe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com