Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 162 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 162 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 231 page
background image
Rev. 1.60
16�
�ove��e� ��� �01�
Rev. 1.60
163
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.The
SIMconfigurationoptionmusthavefirstenabledtheSIMinterfaceforthisbittobe
effective.IftheSIMisconfiguredtooperateasanSPIinterfaceviatheSIM2~SIM0
bits,thecontentsoftheSPIcontrolregisterswillremainattheprevioussettingswhen
theSIMENbitchangesfromlowtohighandshouldthereforebefirstinitialisedby
theapplicationprogram.IftheSIMisconfiguredtooperateasanI2Cinterfaceviathe
SIM2~SIM0bitsandtheSIMENbitchangesfromlowtohigh,thecontentsoftheI2C
controlbitssuchasHTXandTXAKwillremainattheprevioussettingsandshould
thereforebefirstinitialisedbytheapplicationprogramwhiletherelevantI2Cflags
suchasHCF,HAAS,HBB,SRWandRXAKwillbesettotheirdefaultstates.
Bit0
Undefinedbit,canbereadorwrittenbyusersoftwareprogram.
• SIMC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
R/W
R
R
R
R/W
R/W
R
R/W
R
POR
1
0
0
0
0
0
0
1
Bit7
HCF:I2CBusdatatransfercompletionflag
0:Dataisbeingtransferred
1:Completionofan8-bitdatatransfer
TheHCFflagisthedatatransferflag.Thisflagwillbezerowhendataisbeing
transferred.Uponcompletionofan8-bitdatatransfertheflagwillgohighandan
interruptwillbegenerated.
Bit6
HAAS:I2CBusaddressmatchflag
0:Notaddressmatch
1:Addressmatch
TheHAASflagistheaddressmatchflag.Thisflagisusedtodetermineiftheslave
deviceaddressisthesameasthemastertransmitaddress.Iftheaddressesmatchthen
thisbitwillbehigh,ifthereisnomatchthentheflagwillbelow.
Bit5
HBB:I2CBusbusyflag
0:I2CBusisnotbusy
1:I2CBusisbusy
TheHBBflagistheI2Cbusyflag.Thisflagwillbe"1"whentheI2Cbusisbusywhich
willoccurwhenaSTARTsignalisdetected.Theflagwillbesetto"0"whenthebusis
freewhichwilloccurwhenaSTOPsignalisdetected.
Bit4
HTX:SelectI2Cslavedeviceistransmitterorreceivera
0:Slavedeviceisthereceiver
1:Slavedeviceisthetransmitter
Bit3
TXAK:I2CBustransmitacknowledgeflag
0:Slavesendacknowledgeflag
1:Slavedonotsendacknowledgeflag
TheTXAKbitisthetransmitacknowledgeflag.Aftertheslavedevicereceiptof8-bits
ofdata,thisbitwillbetransmittedtothebusonthe9thclockfromtheslavedevice.
TheslavedevicemustalwayssetTXAKbitto"0"beforefurtherdataisreceived.
Bit2
SRW:I2CSlaveRead/Writeflag
0:Slavedeviceshouldbeinreceivemode
1:Slavedeviceshouldbeintransmitmode
TheSRWflagistheI2CSlaveRead/Writeflag.Thisflagdetermineswhether
themasterdevicewishestotransmitorreceivedatafromtheI2Cbus.Whenthe
transmittedaddressandslaveaddressismatch,thatiswhentheHAASflagissethigh,
theslavedevicewillchecktheSRWflagtodeterminewhetheritshouldbeintransmit
modeorreceivemode.IftheSRWflagishigh,themasterisrequestingtoreaddata
fromthebus,sotheslavedeviceshouldbeintransmitmode.WhentheSRWflag
iszero,themasterwillwritedatatothebus,thereforetheslavedeviceshouldbein
receivemodetoreadthisdata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com