Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 165 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 165 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 231 page
background image
Rev. 1.60
16�
�ove��e� ��� �01�
Rev. 1.60
16�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Slave Address
ThetransmissionofaSTARTsignalbythemasterwillbedetectedbyalldevicesontheI2Cbus.
Todeterminewhichslavedevicethemasterwishestocommunicatewith,theaddressoftheslave
devicewillbesentoutimmediatelyfollowingtheSTARTsignal.Allslavedevices,afterreceiving
this7-bitaddressdata,willcompareitwiththeirown7-bitslaveaddress.Iftheaddresssentoutby
themastermatchestheinternaladdressofthemicrocontrollerslavedevice,thenaninternalI2Cbus
interruptsignalwillbegenerated.Thenextbitfollowingtheaddress,whichisthe8thbit,defines
theread/writestatusandwillbesavedtotheSRWbitoftheSIMC1register.Theslavedevicewill
thentransmitanacknowledgebit,whichisalowlevel,asthe9thbit.Theslavedevicewillalsoset
thestatusflagHAASwhentheaddressesmatch.
AsanI2Cbusinterruptcancomefromtwosources,whentheprogramenterstheinterrupt
subroutine,theHAASbitshouldbeexaminedtoseewhethertheinterruptsourcehascomefrom
amatchingslaveaddressorfromthecompletionofadatabytetransfer.Whenaslaveaddressis
matched,thedevicemustbeplacedineitherthetransmitmodeandthenwritedatatotheSIMD
register,orinthereceivemodewhereitmustimplementadummyreadfromtheSIMDregisterto
releasetheSCLline.
I2C Bus Read/Write Signal
TheSRWbitintheSIMC1registerdefineswhethertheslavedevicewishestoreaddatafromthe
I2CbusorwritedatatotheI2Cbus.Theslavedeviceshouldexaminethisbittodetermineifitisto
beatransmitterorareceiver.IftheSRWflagis"1"thenthisindicatesthatthemasterdevicewishes
toreaddatafromtheI2Cbus,thereforetheslavedevicemustbesetuptosenddatatotheI2Cbusas
atransmitter.IftheSRWflagis"0"thenthisindicatesthatthemasterwishestosenddatatotheI2C
bus,thereforetheslavedevicemustbesetuptoreaddatafromtheI2Cbusasareceiver.
I2C Bus Slave Address Acknowledge Signal
Afterthemasterhastransmittedacallingaddress,anyslavedeviceontheI2Cbus,whose
owninternaladdressmatchesthecallingaddress,mustgenerateanacknowledgesignal.The
acknowledgesignalwillinformthemasterthataslavedevicehasaccepteditscallingaddress.Ifno
acknowledgesignalisreceivedbythemasterthenaSTOPsignalmustbetransmittedbythemaster
toendthecommunication.WhentheHAASflagishigh,theaddresseshavematchedandtheslave
devicemustchecktheSRWflagtodetermineifitistobeatransmitterorareceiver.IftheSRWflag
ishigh,theslavedeviceshouldbesetuptobeatransmittersotheHTXbitintheSIMC1register
shouldbesetto"1".IftheSRWflagislow,thenthemicrocontrollerslavedeviceshouldbesetupas
areceiverandtheHTXbitintheSIMC1registershouldbesetto"0".
I2C Bus Data and Acknowledge Signal
Thetransmitteddatais8-bitswideandistransmittedaftertheslavedevicehasacknowledgedreceipt
ofitsslaveaddress.TheorderofserialbittransmissionistheMSBfirstandtheLSBlast.After
receiptof8-bitsofdata,thereceivermusttransmitanacknowledgesignal,level"0",beforeitcan
receivethenextdatabyte.Iftheslavetransmitterdoesnotreceiveanacknowledgebitsignalfrom
themasterreceiver,thentheslavetransmitterwillreleasetheSDAlinetoallowthemastertosend
aSTOPsignaltoreleasetheI2CBus.ThecorrespondingdatawillbestoredintheSIMDregister.
Ifsetupasatransmitter,theslavedevicemustfirstwritethedatatobetransmittedintotheSIMD
register.Ifsetupasareceiver,theslavedevicemustreadthetransmitteddatafromtheSIMDregister.
Whentheslavereceiverreceivesthedatabyte,itmustgenerateanacknowledgebit,knownas
TXAK,onthe9thclock.Theslavedevice,whichissetupasatransmitterwillchecktheRXAKbit
intheSIMC1registertodetermineifitistosendanotherdatabyte,ifnotthenitwillreleasethe
SDAlineandawaitthereceiptofaSTOPsignalfromthemaster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com