Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 163Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 231 page
background image
Rev. 1.60
166
�ove��e� ��� �01�
Rev. 1.60
167
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
SPI1 Interface
SPI1 Communication
TheSPI1interfaceisafullduplexsynchronousserialdatalink.Itisafourlineinterfacewithpin
namesSDI1,SDO1,SCK1,SCS1B0andSCS1B1.PinsSDI1andSDO1aretheSerialDataInput
andSerialDataOutputlines,SCK1istheSerialClocklineandSCS1B0andSCS1B1aretheSlave
Selectline.AstheSPI1interfacepinsarepin-sharedwithnormalI/Opins,theSPI1interfacemust
firstbeenabledbyselectingtheSPI1enableconfigurationoptionandsettingthecorrectbitsinthe
SPI1C0andSPI1C1registers.AftertheSPI1configurationoptionhasbeenconfigureditcanalso
beadditionallydisabledorenabledusingtheSPI1ENbitintheSPI1C0register.Communication
betweendevicesconnectedtotheSPI1interfaceiscarriedoutinaslave/mastermodewithalldata
transferinitiationsbeingimplementedbythemaster.TheMasteralsocontrolstheclocksignal.
TheSCS1B0andSCS1B1pinarecontrolledbytheapplicationprogram,settheS1CSENbitto
"1"toenabletheSCS1B0andSCS1B1pinfunctionandcleartheS1CSENbitto"0"toplacethe
SCS1B0andSCS1B1pinintoafloatingstate.
SCK1
SDO1
SDI1
SCS1B0
SCS1B1
SPI Maste�
SPI Slave
SPI Slave
SCK
SDI
SDI
SCS
SCK
SDI
SDI
SCS
SPI1 Master/Slave Bus Connection
TheSPI1functioninthisdeviceoffersthefollowingfeatures:
• Fullduplexsynchronousdatatransfer
• BothMasterandSlavemodes
• LSBfirstorMSBfirstdatatransmissionmodes
• Transmissioncompleteflag
• Risingorfallingactiveclockedge
• SAWCOLandS1CSENbitenabledordisableselect
ThestatusoftheSPI1interfacepinsisdeterminedbyanumberoffactorssuchaswhetherthe
deviceisinthemasterorslavemodeandupontheconditionofcertaincontrolbitssuchasS1CSEN
andSPI1EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com