Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 170 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 170 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 172Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 173Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 174Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 231 page
background image
Rev. 1.60
170
�ove��e� ��� �01�
Rev. 1.60
171
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
• SPI1D Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D6
D�
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
SPI1 Communication
AftertheSPI1interfaceisenabledbysettingtheSPI1ENbithigh,thenintheMasterMode,when
dataiswrittentotheSPI1Dregister,transmission/receptionwillbeginsimultaneously.Whenthedata
transferiscomplete,theS1TRFflagwillbesetautomatically,butmustbeclearedusingtheapplication
program.IntheSlaveMode,whentheclocksignalfromthemasterhasbeenreceived,anydatainthe
SPI1DregisterwillbetransmittedandanydataontheSDI1pinwillbeshiftedintotheSPI1Dregister.
ThemastershouldoutputaSCS1Bnsignaltoenabletheslavedevicebeforeaclocksignalis
provided.Theslavedatatobetransferredshouldbewellpreparedattheappropriatemoment
relativetotheSCS1BnsignaldependingupontheconfigurationsoftheS1CKPOLbitandS1CKEG
bit.TheaccompanyingtimingdiagramshowstherelationshipbetweentheslavedataandSCSsignal
forvariousconfigurationsoftheS1CKPOLandS1CKEGbits.
TheSPI1willcontinuetofunctionevenintheIDLEMode.
Peripheral Clock Output
ThePeripheralClockOutputallowsthedevicetosupplyexternalhardwarewithaclocksignal
synchronisedtothemicrocontrollerclock.
Peripheral Clock Operation
Astheperipheralclockoutputpin,PCK,issharedwithI/Oline,therequiredpinfunctionischosen
viaPCKENintheSIMC0register.ThePeripheralClockfunctioniscontrolledusingtheSIMC0
register.TheclocksourceforthePeripheralClockOutputcanoriginatefromeithertheTM0CCRP
matchfrequency/2oradividedratiooftheinternalfSYSclock.ThePCKENbitintheSIMC0register
istheoverallon/offcontrol,settingPCKENbitto"1"enablesthePeripheralClock,andsetting
PCKENbitto"0"disablesit.Therequireddivisionratioofthesystemclockisselectedusingthe
PCKP1andPCKP0bitsinthesameregister.IfthedeviceenterstheSLEEPMode,thiswilldisable
thePeripheralClockoutput.
SIMC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
SIM�
SIM1
SIM0
PCKE�
PCKP1
PCKP0
SIME�
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
1
1
1
0
0
0
0
—
Bit7~5
SIM2~SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfSUB
100:SPImastermode;SPIclockisTM0CCRPmatchfrequency/2
101:SPIslavemode
110:I2Cslavemode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselectionand
theSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclockbut
canalsobechosentobesourcedfromtheTM0.IftheSPISlaveModeisselectedthen
theclockwillbesuppliedbyanexternalMasterdevice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com