Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 171 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 171 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 172Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 173Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 174Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 175Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 231 page
background image
Rev. 1.60
170
�ove��e� ��� �01�
Rev. 1.60
171
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit4
PCKEN:PCKOutputPinControl
0:Disable
1:Enable
Bit3~2
PCKP1~PCKP0:SelectPCKoutputpinfrequency
00:fSYS
01:fSYS/4
10:fSYS/8
11:TM0CCRPmatchfrequency/2
Bit1
SIMEN:SIMControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDA
andSCLlineswillbeinafloatingconditionandtheSIMoperatingcurrentwillbe
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.The
SIMconfigurationoptionmusthavefirstenabledtheSIMinterfaceforthisbittobe
effective.IftheSIMisconfiguredtooperateasanSPIinterfaceviatheSIM2~SIM0
bits,thecontentsoftheSPIcontrolregisterswillremainattheprevioussettingswhen
theSIMENbitchangesfromlowtohighandshouldthereforebefirstinitialisedby
theapplicationprogram.IftheSIMisconfiguredtooperateasanI2Cinterfaceviathe
SIM2~SIM0bitsandtheSIMENbitchangesfromlowtohigh,thecontentsoftheI2C
controlbitssuchasHTXandTXAKwillremainattheprevioussettingsandshould
thereforebefirstinitialisedbytheapplicationprogramwhiletherelevantI2Cflags
suchasHCF,HAAS,HBB,SRWandRXAKwillbesettotheirdefaultstates.
Bit0
Unimplemented,readas"0"
Interrupts
Interruptsareanimportantpartofanymicrocontrollersystem.Whenanexternaleventoran
internalfunctionsuchasaTimerModuleoranA/Dconverterrequiresmicrocontrollerattention,
theircorrespondinginterruptwillenforceatemporarysuspensionofthemainprogramallowingthe
microcontrollertodirectattentiontotheirrespectiveneeds.Thedevicecontainsseveralexternal
interruptandinternalinterruptsfunctions.Theexternalinterruptsaregeneratedbytheactionofthe
externalINT0~INT1andPINTBpins,whiletheinternalinterruptsaregeneratedbyvariousinternal
functionssuchastheTMs,TimeBase,LVD,SIM,SPI1andtheA/Dconverter.
Interrupt Registers
Overallinterruptcontrol,whichbasicallymeansthesettingofrequestflagswhencertain
microcontrollerconditionsoccurandthesettingofinterruptenablebitsbytheapplication
program,iscontrolledbyaseriesofregisters,locatedintheSpecialPurposeDataMemory.The
numberofregistersdependsuponthedevicechosenbutfallintothreecategories.Thefirstisthe
INTC0~INTC2registerswhichsetuptheprimaryinterrupts,thesecondistheMFI0~MFI3registers
whichsetuptheMulti-functioninterrupts.FinallythereisanINTEGregistertosetuptheexternal
interrupttriggeredgetype.
Eachregistercontainsanumberofenablebitstoenableordisableindividualregistersaswellas
interruptflagstoindicatethepresenceofaninterruptrequest.Thenamingconventionofthese
followsaspecificpattern.Firstislistedanabbreviatedinterrupttype,thenthe(optional)numberof
thatinterruptfollowedbyeitheran"E"forenable/disablebitor"F"forrequestflag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com