Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 168 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 168 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 164Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 172Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 231 page
background image
Rev. 1.60
168
�ove��e� ��� �01�
Rev. 1.60
169
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
SPI1 Registers
TherearethreeinternalregisterswhichcontroltheoveralloperationoftheSPI1interface.Theseare
theSPI1DdataregisterandtworegistersSPI1C0andSPI1C1.
Register
Name
Bit
7
6
5
4
3
2
1
0
SPI1C0
S1MS�
S1MS1
S1MS0
—
SPICF
—
SPI1E�
S1CS
SPI1C1
—
—
S1CKPOL S1CKEG
S1MLS
S1CSE� S1WCOL S1TRF
SPI1D
D7
D6
D�
D�
D3
D�
D1
D0
SPI1 Registers List
• SPI1C0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
S1MS�
S1MS1
S1MS0
—
SPICF
—
SPI1E�
S1CS
R/W
R/W
R/W
R/W
—
R/W
—
R/W
R/W
POR
1
1
1
—
0
—
0
0
Bit7~5
S1MS2~S1MS0:Master/SlaveClockSelect
000:SPI1master,fSYS/4
001:SPI1master,fSYS/16
010:SPI1master,fSYS/64
011:SPI1master,fSUB
100:SPI1master,TP0CCRPmatchfrequency/2(PFD)
101:SPI1slave
Bit4
Unimplemented,readas“0”
Bit3
SPICF:SPI1interfacetransferincompleteflag
0:NoSPI1incompletetransferoccurs
1:SPI1incompletetransferoccurred
TheSPICFbitisonlyusedfortheSPI1slavedevicetoindicatewhethertheSPI1
transferiscompleteornot.WhentheSPI1transferisinprogressandtheSCS1B0or
SCS1B1pinissetto“1”,theSPI1transferwillbestoppedandtheSPICFflagwillbe
setto1byhareware.
Bit2
Unimplemented,readas“0”
Bit1
SPI1EN:SPI1enableordisable
0:Disable
1:Enable
Bit0
S1CS:SPI1chipselectpin
0:SCS1B0
1:SCS1B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com