Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 169 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 169 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 165Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 166Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 167Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 168Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 172Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 173Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 231 page
background image
Rev. 1.60
168
�ove��e� ��� �01�
Rev. 1.60
169
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
• SPI1C1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
S1CKPOL S1CKEG
S1MLS
S1CSE� S1WCOL S1TRF
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas"0"
Thisbitcanbereadorwrittenbyusersoftwareprogram.
Bit5
S1CKPOL:Determinesthebaseconditionoftheclockline
0:SCK1linewillbehighwhentheclockisinactive
1:SCK1linewillbelowwhentheclockisinactive
TheS1CKPOLbitdeterminesthebaseconditionoftheclockline,ifthebitishigh,
thentheSCK1linewillbelowwhentheclockisinactive.WhentheS1CKPOLbitis
low,thentheSCK1linewillbehighwhentheclockisinactive.
Bit4
S1CKEG:DeterminestheSPI1SCK1activeclockedgetype
S1CKPOL=0:
0:SCK1hashighbaselevelwithdatacaptureonSCK1risingedge
1:SCK1hashighbaselevelwithdatacaptureonSCK1fallingedge
S1CKPOL=1:
0:SCK1haslowbaselevelwithdatacaptureonSCK1fallingedge
1:SCK1haslowbaselevelwithdatacaptureonSCK1risingedge
TheS1CKEGandS1CKPOLbitsareusedtosetupthewaythattheclocksignal
outputsandinputsdataontheSPIbus.Thesetwobitsmustbeconfiguredbeforea
datatransferisexecutedotherwiseanerroneousclockedgemaybegenerated.The
S1CKPOLbitdeterminesthebaseconditionoftheclockline,ifthebitishigh,thenthe
SCK1linewillbelowwhentheclockisinactive.WhentheS1CKPOLbitislow,then
theSCK1linewillbehighwhentheclockisinactive.TheS1CKEGbitdetermines
activeclockedgetypewhichdependsupontheconditionoftheS1CKPOLbit.
Bit3
S1MLS:MSB/LSBFirstBit
0:LSBshiftfirst
1:MSBshiftfirst
Thisisthedatashiftselectbitandisusedtoselecthowthedataistransferred,either
MSBorLSBfirst.SettingthebithighwillselectMSBfirstandlowforLSBfirst.
Bit2
S1CSEN:SelectSignalEnable/DisableBit
0:SCS1B0andSCS1B1floating
1:Enable
TheS1CSENbitisusedasanenable/disablefortheSCS1B0andSCS1B1pin.If
thisbitislow,thentheSCS1B0andSCS1B1pinwillbedisabledandplacedintoa
floatingcondition.IfthebitishightheSCS1B0andSCS1B1pinwillbeenabledand
usedasaselectpin.NotethatusingtheS1CSENbitcanbedisabledorenabledvia
configurationoption.
Bit1
S1WCOL:WriteCollisionBit
0:Collisionfree
1:Collisiondetected
TheS1WCOLflagisusedtodetectifadatacollisionhasoccurred.Ifthisbitishigh
itmeansthatdatahasbeenattemptedtobewrittentotheSPI1Dregisterduringadata
transferoperation.Thiswritingoperationwillbeignoredifdataisbeingtransferred.
Thebitcanbeclearedbytheapplicationprogram.NotethatusingtheS1WCOLbit
canbedisabledorenabledviaconfigurationoption.
Bit0
S1TRF:Transmit/ReceiveFlag
0:Notcomplete
1:Transmission/receptioncomplete
TheS1TRFbitistheTransmit/ReceiveCompleteflagandisset"1"automatically
whenanSPI1datatransmissioniscompleted,butmustsettozerobytheapplication
program.Itcanbeusedtogenerateaninterrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com