Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 173 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 173 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 169Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 170Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 171Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 172Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 173Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 174Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 175Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 176Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 177Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 231 page
background image
Rev. 1.60
17�
�ove��e� ��� �01�
Rev. 1.60
173
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
INTEG Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
I�T1S1
I�T1S0
I�T0S1
I�T0S0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas"0"
Bit3~2
INT1S1~INT1S0:interruptedgecontrolforINT1pin
00:disable
01:risingedge
10:fallingedge
11:risingandfallingedges
Bit1~0
INT0S1~INT0S0:interruptedgecontrolforINT0pin
00:disable
01:risingedge
10:fallingedge
11:risingandfallingedges
INTC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
ADF
I�T1F
I�T0F
ADE
I�T1E
I�T0E
EMI
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6
ADF:A/DConverterInterruptRequestFlag
0:norequest
1:interruptrequest
Bit5
INT1F:INT1interruptrequestflag
0:norequest
1:interruptrequest
Bit4
INT0F:INT0interruptrequestflag
0:norequest
1:interruptrequest
Bit3
ADE:A/DConverterInterruptControl
0:disable
1:enable
Bit2
INT1E:INT1interruptcontrol
0:disable
1:enable
Bit1
INT0E:INT0interruptcontrol
0:disable
1:enable
Bit0
EMI:Globalinterruptcontrol
0:disable
1:enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com