Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 207 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 207 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 203Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 204Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 205Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 206Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 207Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 208Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 209Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 210Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 211Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 231 page
background image
Rev. 1.60
�06
�ove��e� ��� �01�
Rev. 1.60
�07
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
LCD Registers
ControlRegistersintheDataMemory,areusedtocontrolthevarioussetupfeaturesoftheLCD
Driver.
ThereisonecontrolregisterfortheLCDfunction,LCDC.
Variousbitsinthisregisterscontrolfunctionssuchasdutytype,overallLCDenableanddisable.
TheLCDENbitintheLCDCregister,whichprovidestheoverallLCDenable/disablefunction,will
onlybeeffectivewhenthedeviceisintheNormal,SloworIdleMode.IfthedeviceisintheSleep
Modethenthedisplaywillalwaysbedisabled.TheTYPEbitinthesameregisterisusedtoselect
whetherTypeAorTypeBLCDcontrolsignalsareused.
LCDC Register − HT45F65
Bit
7
6
5
4
3
2
1
0
�a�e
TYPE
VAS
—
—
—
—
—
LCDE�
R/W
R/W
R/W
—
—
—
—
—
R/W
POR
0
0
—
—
—
—
—
0
Bit7
TYPE:LCDTypeControl
0:TypeA
1:TypeB
Bit6
VAS:VAvoltageselectionforCtypeLCD
0:VAequalsVDD
1:VAequals1.5×VDD
Bit5~1
Unimplemented,readas“0”
Bit0
LCDEN:LCDEnableControl
0:Disable
1:Enable
IntheNormal,SloworIdlemode,theLCDon/offfunctioncanbecontrolledbythis
bit.IntheSleepmode,theLCDisalwaysoff.
LCDC Register − HT45F66/HT45F67
Bit
7
6
5
4
3
2
1
0
�a�e
TYPE
VAS
DYT
—
—
—
—
LCDE�
R/W
R/W
R/W
R/W
—
—
—
—
R/W
POR
0
0
0
—
—
—
—
0
Bit7
TYPE:LCDTypeControl
0:TypeA
1:TypeB
Bit6
VAS:VAvoltageselectionforCtypeLCD
0:VAequalsVDD
1:VAequals1.5×VDD
Bit5
DYT:LCDDutyControl
0:1/4duty,32SEG×4COM
1:1/6duty,30SEG×6COM
Bit4~1
Unimplemented,readas"0"
Bit0
LCDEN:LCDEnableControl
0:Disable
1:Enable
IntheNormal,SloworIdlemode,theLCDon/offfunctioncanbecontrolledbythis
bit.IntheSleepmode,theLCDisalwaysoff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com