Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 205 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 205 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 201Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 202Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 203Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 204Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 205Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 206Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 207Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 208Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 209Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 231 page
background image
Rev. 1.60
�0�
�ove��e� ��� �01�
Rev. 1.60
�0�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
LCD Driver
Forlargevolumeapplications,whichincorporateanLCDintheirdesign,theuseofacustom
displayratherthanamoreexpensivecharacterbaseddisplayreducescostssignificantly.However,
thecorrespondingCOMandSEGsignalsrequired,whichvaryinbothamplitudeandtime,todrive
suchacustomdisplayrequiremanyspecialconsiderationsforproperLCDoperationtooccur.The
devicecontainsanLCDDriverfunction,whichwiththeirinternalLCDsignalgeneratingcircuitry
andvariousoptions,willautomaticallygeneratethesetimeandamplitudevaryingsignalstoprovide
ameansofdirectdrivingandeasyinterfacingtoarangeofcustomLCDs.
ThisdeviceincludesawiderangeofoptionstoenableLCDdisplaysofvarioustypestobedriven.
Thetableshowstherangeofoptionsavailableacrossthedevicerange.
Part No.
Duty
Bias
Bias Type
Wave Type
HT��F6�
1/�
1/3
C
A o� B
HT��F66
HT��F67
1/�
1/3
C
A o� B
1/6
C type and 1/3 Bias,
VAS=“1"
VAB = 3/2 xVLCD = VA
VB = VLCD
VC = 1/2 x VLCD
Charge
Pump
VMAX
VLCD
VA
VB
VC
0.1µF
0.1µF
0.1µF
C1
C2
VAB
VC
C type and 1/3 Bias,
VAS =“0"
VA = VLCD
VAB = 2/3 x VLCD = VB
VC = 1/3 x VLCD
Charge
Pump
0.1µF
0.1µF
0.1µF
VMAX
VLCD
VA
VB
VC
C1
C2
VAB
VC
C Type Bias Voltage Levels
Note:IfVAS="1",VLCD=VDDandVMAX=VAB
IfVAS="0",VLCD=VMAX=VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com