Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 19 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 15Page - TE Connectivity Ltd PIDG Datasheet HTML 16Page - TE Connectivity Ltd PIDG Datasheet HTML 17Page - TE Connectivity Ltd PIDG Datasheet HTML 18Page - TE Connectivity Ltd PIDG Datasheet HTML 19Page - TE Connectivity Ltd PIDG Datasheet HTML 20Page - TE Connectivity Ltd PIDG Datasheet HTML 21Page - TE Connectivity Ltd PIDG Datasheet HTML 22Page - TE Connectivity Ltd PIDG Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Fully-Insulated Receptacles
PIDG-FASTON
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-19
6.3 x 0.8
0.3–1.5
3.4
7.6
18.3
15.5
156667-1
–
6.3 x 0.8
1.0–2.5
4.0
7.6
18.3
15.5
156666-1
–
6.3 x 0.8
1.5–2.5
4.0
7.6
18.3
15.5
156666-1
–
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
For Tab
(mm)
Wire Size
Range
(mm2)
Insulation Diameter
max.
(mm)
Dimensions
(mm)
WL
E
H
Part Numbers
Brass,
Phosphor Bronze,
tin plated
tin plated
6.3 x 0.8
0.3–1.0
3.3
9.2
21.6
7.8
5.3
735278
735278-1
6.3 x 0.8
1.0–1.5
3.3
9.2
21.6
7.8
5.3
735278
735278-1
6.3 x 0.8
0.3–1.0
3.3
9.2
21.6
7.8
5.3
735279
–
6.3 x 0.8
1.5–2.5
4.0
9.2
21.6
7.8
5.3
735159
–
6.3 x 0.8
1.0–2.5
4.0
9.2
21.6
7.8
5.3
735160
–
Fully-Insulated
PIDG-FASTON
Receptacles
Insulation Sleeve:
Nylon acc. UL 94 V-2
PIDG-FASTON
Flag Version
PIDG-FASTON
Receptacles
Piggy Back Style
6.3 x 0.8
0.3–1.5
3.5
7.6
23.4
7.7
9-160834-2
9-160834-5
6.3 x 0.8
1.0–2.5
4.3
7.6
23.4
7.7
9-160463-2
9-160463-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com