Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 4 Page - TE Connectivity Ltd

  PIDG Datasheet HTML 1Page - TE Connectivity Ltd PIDG Datasheet HTML 2Page - TE Connectivity Ltd PIDG Datasheet HTML 3Page - TE Connectivity Ltd PIDG Datasheet HTML 4Page - TE Connectivity Ltd PIDG Datasheet HTML 5Page - TE Connectivity Ltd PIDG Datasheet HTML 6Page - TE Connectivity Ltd PIDG Datasheet HTML 7Page - TE Connectivity Ltd PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Ring Tongue Terminals – Nylon (continued)
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-4
.469
.437
.841
1.078
.125
320572
2-320572-1
11.91 11.10 21.36 27.38
3.18
5/16
.469
.437
.841
1.078
.140
31895
2-31895-1
M8
11.91 11.10 21.36 27.38
3.56
.531
.546
.950
1.218
.125
324123
–
13.49 13.87 24.13 30.94
3.18
.531
.546
.950
1.218
.125
320573
2-320573-4
3/8
13.49 13.87 24.13 30.94
3.18
.531
.546
.950
1.218
.140
31897
2-31897-2
13.49 13.87 24.13 30.94
3.56
1/2
.713
.530
.934
1.293
.125
328975
–
M12
18.11 13.46 23.72 32.84
3.18
.250
.171
.575
.703
.150
324159
2-324159-2
6.35
4.34
14.61 17.86
3.81
4
.250
.171
.575
.703
.170
–
2-328996-1
6.35
4.34
14.61 17.86
4.32
.250
.281
.685
.813
.150
323676
–
6.35
7.14
17.40 20.65
3.81
.250
.171
.575
.703
.150
–
2-320561-2
6.35
4.34
14.61 17.86
3.81
.250
.281
.685
.813
.170
50881
0-050881-2
6
6.35
7.14
17.40 20.65
4.32
M3.5
.312
.250
.654
.813
.170
326882
2-326882-1
7.92
6.35
16.61 20.65
4.32
.343
.281
.685
.859
.150
36157
–
8.71
7.14
17.40 21.82
3.81
.312
.250
.654
.813
.170
–
0-053941-2
8
7.92
6.35
16.61 20.65
4.32
M4
.343
.281
.685
.859
.150
320560
2-320560-1
8.71
7.14
17.40 21.82
3.81
.312
.250
.654
.813
.170
-153942-1
0-053942-2
7.92
6.35
16.61 20.65
4.32
10
.343
.281
.685
.859
.150
320574
2-320574-2
8.71
7.14
17.40 21.82
3.81
.469
.437
.841
1.078
.170
324533
–
11.91 11.10 21.36 27.38
4.32
.469
.437
.841
1.078
.150
320575
2-320575-1
5/16
11.91 11.10 21.36 27.38
3.81
M8
.469
.437
.841
1.078
.170
328998
2-328998-1
11.91 11.10 21.36 27.38
4.32
.531
.546
.950
1.218
.150
320564
–
3/8
13.49 13.87 24.13 30.94
3.81
.531
.546
.950
1.218
.170
–
2-328999-1
13.49 13.87 24.13 30.94
4.32
1/2
.713
.530
.934
1.293
.170
328849
–
M12
18.11 13.46 23.72 32.84
4.32
.281
.219
.810
.953
.230
320631
–
6
7.14
5.56
20.57 24.21
5.84
M3.5
.281
.219
.810
.953
.250
35634
–
7.14
5.56
20.57 24.21
6.35
.343
.281
.872
1.046
.230
320627
–
8
8.71
7.14
22.15 26.57
5.84
M4
.343
.281
.872
1.046
.250
35106
2-35106-1
8.71
7.14
22.15 26.57
6.35
10
.343
.281
.872
1.046
.230
320630
2-320630-2
8.71
7.14
22.15 26.57
5.84
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
L
E
C
W
22–16
(0.26–1.65)
.033
0.84
, 16–14HD,
(1.04–2.62)
.050
1.27
16–14
(1.04–2.62)
.033
0.84
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com