Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 3 Page - TE Connectivity Ltd

  PIDG Datasheet HTML 1Page - TE Connectivity Ltd PIDG Datasheet HTML 2Page - TE Connectivity Ltd PIDG Datasheet HTML 3Page - TE Connectivity Ltd PIDG Datasheet HTML 4Page - TE Connectivity Ltd PIDG Datasheet HTML 5Page - TE Connectivity Ltd PIDG Datasheet HTML 6Page - TE Connectivity Ltd PIDG Datasheet HTML 7Page - TE Connectivity Ltd PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Ring Tongue Terminals – Nylon
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-3
2
.203
.211
.632
.739
.105
,54310-1,
–
M2
5.16
5.36
16.05 18.77
2.67
26–24
.029
.203
.211
.632
.736
.105
,
52189
,-0
–
(0.12–0.24)
0.74
4
5.16
5.36
16.05 18.69
2.67
8
.281
.250
.671
.814
.105
,54311-1,
–
M4
7.14
6.35
17.04 20.68
2.67
.140
.121
.452
.525
.082
321013-0
–
0
3.56
3.07
11.48 13.34
2.08
.140
.121
.452
.525
.082
–
2-323912-1
3.56
3.07
11.48 13.34
2.08
26–22
.020
2
.140
.211
.542
.615
.082
329951-0
–
(0.10–0.41)
0.51
M2
3.56
5.36
13.77 15.62
2.08
.203
.211
.542
.646
.082
323913-0
–
5.16
5.36
13.77 16.41
2.08
8
.250
.281
.612
.740
.082
–
2-323916-1
M4
6.35
7.14
15.54 18.80
2.08
.281
.250
.631
.774
.100
323985-0
–
4
7.14
6.35
16.03 19.66
2.54
6
.281
.250
.631
.774
.100
323986-0
–
M3.5
7.14
6.35
16.03 19.66
2.54
8
.312
.281
.662
.821
.100
323989-0
–
M4
7.92
7.14
16.81 20.85
2.54
.312
.281
.662
.821
.100
323990-0
–
10
7.92
7.14
16.81 20.85
2.54
.182
.172
.576
.669
.125
324158-0
–
2
4.62
4.37
14.63 16.99
3.18
M2
.218
.156
.560
.672
.125
328657-0
–
5.54
3.96
14.22 17.07
3.18
.182
.172
.576
.669
.125
327654-0
–
4.62
4.37
14.63 16.99
3.18
.182
.172
.576
.669
.140
320882-0
2-320882-1
4.62
4.37
14.63 16.99
3.56
.218
.156
.560
.672
.125
–
2-320553-2
4
5.54
3.96
14.22 17.07
3.18
.218
.156
.560
.672
.125
,,36254,,-0
–
5.54
3.96
14.22 17.07
3.18
.250
.312
.716
.844
.140
330648-0
2-330648-1
6.35
7.92
18.19 21.44
3.56
.218
.156
.560
.672
.125
–
2-36149-2
5.54
3.96
14.22 17.07
3.18
.218
.156
.560
.672
.140
36150-0
2-36150-1
5.54
3.96
14.22 17.07
3.56
6
.250
.250
.654
.782
.125
51863-0
0-051863-1
M3.5
6.35
6.35
16.61 19.86
3.18
.312
.281
.685
.844
.125
323008-0
–
7.92
7.14
17.40 21.44
3.18
.312
.281
.685
.844
.140
326878-0
–
7.92
7.14
17.40 21.44
3.56
8
.281
.250
.654
.797
.125
320554-0
2-320554-1
M3.5
7.14
6.35
16.61 20.24
3.18
.281
.250
.654
.797
.140
–
2-31887-1
7.14
6.35
16.61 20.24
3.56
.312
.281
.685
.844
.125
–
2-36153-2
10
7.92
7.14
17.40 21.44
3.18
.344
.297
.701
.876
.125
32836-0
–
8.74
7.54
17.81 22.25
3.18
.344
.297
.701
.876
.140
32837-0
0-032837-1
8.74
7.54
17.81 22.25
3.56
,, Must be crimped with 22–18 or 22–16 PIDG (red) Tooling.
,, Slightly larger than standard #4 stud hole (.128 in./3.25 mm).
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
E
C
W
24–20
(0.16–0.65)
.025
0.64
22–16
(0.26–1.65)
.033
0.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com