Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 3Page - TE Connectivity Ltd PIDG Datasheet HTML 4Page - TE Connectivity Ltd PIDG Datasheet HTML 5Page - TE Connectivity Ltd PIDG Datasheet HTML 6Page - TE Connectivity Ltd PIDG Datasheet HTML 7Page - TE Connectivity Ltd PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd PIDG Datasheet HTML 10Page - TE Connectivity Ltd PIDG Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Ring Tongue Terminals – Insulation Restricting (continued)
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-7
4
.218
.156
.622
.734
.046-.110
52273-1
–
5.54
3.96
15.80 18.64
1.17-2.79
.218
.156
.622
.734
.046-.110
2-36149-4
–
6
5.54
3.96
15.80 18.64
1.17-2.79
M3.5
.250
.250
.716
.844
.046-.110
51863-3
–
6.35
6.35
18.19 21.44
1.17-2.79
20
.033
8
.312
.281
.747
.906
.046-.110
1-320551-3
–
(0.60)
0.84
M4
7.92
7.14
18.97 23.01
1.17-2.79
10
.312
.281
.747
.906
.046-.110
2-36153-4
–
7.92
7.14
18.97 23.01
1.17-2.79
1/4
.469
.437
.903
1.140
.046-.110
2-320571-4
–
M6
11.91 11.10 22.94 28.96
1.17-2.79
5/16
.469
.437
.903
1.140
.046-.110
2-320572-3
–
M8
11.91 11.10 22.94 28.96
1.17-2.79
4
.218
.156
.622
.734
.056-.110
52273-2
–
5.54
3.96
15.80 18.64
1.42-2.79
.218
.156
.622
.734
.056-.110
2-36149-5
–
18
.033
6
5.54
3.96
15.80 18.64
1.42-2.79
(0.96)
0.84
M3.5
.250
.250
.716
.844
.056-.110
51863-4
—
6.35
6.35
18.19 21.44
1.42-2.79
10
.312
.281
.747
.906
.056-.110
2-36153-5
—
7.92
7.14
18.97 23.01
1.42-2.79
4
.250
.171
.637
.765
.063-.130
52274-0
—
6.35
4.34
16.18 19.43
1.60-3.30
6
.250
.171
.637
.765
.063-.130
2-320561-3
—
M3.5
6.35
4.34
16.18 19.43
1.60-3.30
8
.312
.281
.747
.906
.063-.130
1-51864-0
—
16
.033
M4
7.92
7.14
18.97 23.01
1.60-3.30
(1.42)
0.84
10
.312
.281
.747
.906
.063-.130
51864-7
—
7.92
7.14
18.97 23.01
1.60-3.30
1/4
.469
.437
.903
1.140
.063-.130
2-320563-3
—
M6
11.91 11.10 22.94 28.96
1.60-3.30
3/8
.531
.546
1.012 1.280
.063-.130
2-320564-1
—
13.49 13.87 25.70 32.51
1.60-3.30
.250
.171
.637
.765
.078-.130
2-320561-4
—
6
6.35
4.34
16.18 19.43
1.98-3.30
M3.5
.312
.281
.747
.906
.078-.130
51864-8
—
14
.033
7.92
7.14
18.97 23.01
1.98-3.30
(2.15)
0.84
8
.312
.281
.747
.906
.078-.130
1-51864-1
—
M4
7.92
7.14
18.97 23.01
1.98-3.30
10
.312
.281
.747
.906
.078-.130
51864-9
—
7.92
7.14
18.97 23.01
1.98-3.30
6
.375
.302
.958
1.148
.095-.200
2-36161-5
—
M3.5
9.53
7.67
24.33 29.16
2.41-5.08
8
.375
.302
.958
1.148
.095-.200
2-320568-2
—
12
.042
M4
9.53
7.67
24.33 29.16
2.41-5.08
(3.37)
1.07
10
.375
.302
.958
1.148
.095-.200
2-36161-3
—
9.53
7.67
24.33 29.16
2.41-5.08
1/4
.531
.468
1.124 1.392
.095-.200
2-320569-5
—
M6
13.49 11.89 28.55 35.36
2.41-5.08
6
.375
.302
.958
1.148
.119-.200
2-36161-6
—
M3.5
9.53
7.67
24.33 29.16
3.02-5.08
8
.375
.302
.958
1.148
.119-.200
2-320568-3
—
M4
9.53
7.67
24.33 29.16
3.02-5.08
10
.042
10
.375
.302
.958
1.148
.119-.200
2-36161-4
—
(6.11)
1.07
9.53
7.67
24.33 29.16
3.02-5.08
1/4
.531
.468
1.124 1.392
.119-.200
2-320569-6
—
M6
13.49 11.89 28.55 35.36
3.02-5.08
5/16
.531
.468
1.124 1.392
.119-.200
2-320576-3
—
M8
13.49 11.89 28.55 35.36
3.02-5.08
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Nickel per QQ-N-290 or
Tin per ASTM B-545
L
E
C
W
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Solid/Stripe
Wire
Insulation
Diameter
Range
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com