Electronic Components Datasheet Search
  English  ▼

X  

PIDG Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # PIDG
Description  Pre-Insulated Diamond Grip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PIDG Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button PIDG Datasheet HTML 8Page - TE Connectivity Ltd PIDG Datasheet HTML 9Page - TE Connectivity Ltd PIDG Datasheet HTML 10Page - TE Connectivity Ltd PIDG Datasheet HTML 11Page - TE Connectivity Ltd PIDG Datasheet HTML 12Page - TE Connectivity Ltd PIDG Datasheet HTML 13Page - TE Connectivity Ltd PIDG Datasheet HTML 14Page - TE Connectivity Ltd PIDG Datasheet HTML 15Page - TE Connectivity Ltd PIDG Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Hook Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-12
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
16–14
.033
8
.343
.281
.685
.859
.170
320306
2-320306-1
(1.04–2.62)
0.84
M4
8.71
7.14
17.40 21.82
4.32
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Offset Ring Tongue Terminal
22–16
.033
6
.375
.312
.716
.906
.125
323039
–
(0.26–1.65)
0.84
M3.5
9.53
7.92
18.19 23.01
3.18
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
SHUR-PLUG Terminal 3.96 mm
(.156)
16–14
.790
.170
324225
2-324225-1
(1.04–2.62)
20.07
4.32
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire Insulation
Diameter
Max.
Dimensions
L
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
L
E
C
W
W
L
E
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com